Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC2933IPWLE Datasheet(PDF) 2 Page - Texas Instruments

Part # TLC2933IPWLE
Description  HIGH-PERFORMANCE PHASE-LOCKED LOOP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2933IPWLE Datasheet(HTML) 2 Page - Texas Instruments

  TLC2933IPWLE Datasheet HTML 1Page - Texas Instruments TLC2933IPWLE Datasheet HTML 2Page - Texas Instruments TLC2933IPWLE Datasheet HTML 3Page - Texas Instruments TLC2933IPWLE Datasheet HTML 4Page - Texas Instruments TLC2933IPWLE Datasheet HTML 5Page - Texas Instruments TLC2933IPWLE Datasheet HTML 6Page - Texas Instruments TLC2933IPWLE Datasheet HTML 7Page - Texas Instruments TLC2933IPWLE Datasheet HTML 8Page - Texas Instruments TLC2933IPWLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
TLC2933
HIGHPERFORMANCE PHASELOCKED LOOP
SLAS136B − APRIL 1996 − REVISED JANUARY 2002
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
BIAS
13
I
Bias supply. An external resistor (RBIAS) between VCO VDD and BIAS supplies bias for adjusting the
oscillation frequency range.
FIN − A
4
I
Input reference frequency f(REF IN) is applied to FIN −A.
FIN − B
5
I
Input for VCO external counter output frequency f(FIN −B). FIN −B is nominally provided from the external
counter.
LOGIC GND
7
Ground for the internal logic.
LOGIC VDD
1
Power supply for the internal logic. This power supply should be separate from VCO VDD to reduce
cross-coupling between supplies.
NC
8
No internal connection.
PFD INHIBIT
9
I
PFD inhibit control. When PFD INHIBIT is high, PFD OUT is in the high-impedance state, see Table 2.
PFD OUT
6
O
PFD output. When the PFD INHIBIT is high, PFD OUT is in the high-impedance state.
TEST
2
I
Test terminal. TEST connects to ground for normal operation.
VCO GND
11
Ground for VCO.
VCO IN
12
I
VCO control voltage input. Nominally the external loop filter output connects to VCO IN to control VCO
oscillation frequency.
VCO INHIBIT
10
I
VCO inhibit control. When VCO INHIBIT is high, VCO OUT is low (see Table 1).
VCO OUT
3
O
VCO output. When VCO INHIBIT is high, VCO OUT is low.
VCO VDD
14
Power supply for VCO. This power supply should be separated from LOGIC VDD to reduce cross-coupling
between supplies.
detailed description
VCO oscillation frequency
The VCO oscillation frequency is determined by an external resistor (RBIAS) connected between the VCO VDD
and the BIAS terminals. The oscillation frequency and range depends on this resistor value. While all resistor
values within the specified range result in excellent low temperature coefficients, the bias resistor value for the
minimum temperature coefficient is nominally 2.2 k
Ω with 3-V VDD and nominally 2.4 kΩ with 5-V VDD. For the
lock frequency range refer to the recommended operating conditions. Figure 1 shows the typical frequency
variation and VCO control voltage.
VCO Oscillation Frequency Range
Bias Resistor (RBIAS)
1/2 VDD
VCO Control Voltage (VCO IN)
Figure 1. VCO Oscillation Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com