Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC2933IPWLE Datasheet(PDF) 7 Page - Texas Instruments

Part # TLC2933IPWLE
Description  HIGH-PERFORMANCE PHASE-LOCKED LOOP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2933IPWLE Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC2933IPWLE Datasheet HTML 3Page - Texas Instruments TLC2933IPWLE Datasheet HTML 4Page - Texas Instruments TLC2933IPWLE Datasheet HTML 5Page - Texas Instruments TLC2933IPWLE Datasheet HTML 6Page - Texas Instruments TLC2933IPWLE Datasheet HTML 7Page - Texas Instruments TLC2933IPWLE Datasheet HTML 8Page - Texas Instruments TLC2933IPWLE Datasheet HTML 9Page - Texas Instruments TLC2933IPWLE Datasheet HTML 10Page - Texas Instruments TLC2933IPWLE Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
TLC2933
HIGHPERFORMANCE PHASELOCKED LOOP
SLAS136B − APRIL 1996 − REVISED JANUARY 2002
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, VDD = 5 V
(unless otherwise noted)
VCO section
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = − 2 mA
4.5
V
VOL
Low-level output voltage
IOL = 2 mA
0.5
V
VIT +
Positive input threshold voltage at TEST, VCO INHIBIT
1.5
2.5
3.5
V
II
Input current at TEST, VCO INHIBIT
VI = VDD or ground
±1
µA
Zi(VCO IN)
Input impedance at VCO IN
VCO IN = 1/2 VDD
10
M
Ω
IDD(INH)
VCO supply current (inhibit)
See Note 4
0.01
1
µA
IDD(VCO)
VCO supply current
See Note 5
14
35
mA
NOTES:
4. The current into VCO VDD and LOGIC VDD when VCO INHIBIT = VDD, and PFD INHIBIT high.
5. The current into VCO VDD and LOGIC VDD when VCO IN = 1/2 VDD, RBIAS = 2.4 kΩ, VCO INHIBIT = ground, and PFD INHIBIT
high.
PFD section
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = 2 mA
4.5
V
VOL
Low-level output voltage
IOL = 2 mA
0.2
V
IOZ
High-impedance-state output current
PFD INHIBIT = high,
VI = VDD or ground
±1
µA
VIH
High-level input voltage at FIN−A, FIN−B
3.5
V
VIL
Low-level input voltage at FIN−A, FIN−B
1.5
V
VIT +
Positive input threshold voltage at PFD INHIBIT
1.5
2.5
3.5
V
Ci
Input capacitance at FIN−A, FIN−B
7
pF
Zi
Input impedance at FIN−A, FIN−B
10
M
Ω
IDD(Z)
High-impedance-state PFD supply current
See Note 6
0.01
1
µA
IDD(PFD)
PFD supply current
See Note 10
2.6
8
mA
NOTES:
6. The current into LOGIC VDD when FIN−A and FIN−B = ground, PFD INHIBIT = VDD, PFD OUT open, and VCO OUT is inhibited.
10. The current into LOGIC VDD when FIN−A and FIN−B = 50 MHz (VI(PP) = 3 V, rectangular wave), PFD INHIBIT = ground, PFD OUT
open, and VCO OUT is inhibited.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com