Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC2933IPWLE Datasheet(PDF) 6 Page - Texas Instruments

Part # TLC2933IPWLE
Description  HIGH-PERFORMANCE PHASE-LOCKED LOOP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2933IPWLE Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC2933IPWLE Datasheet HTML 2Page - Texas Instruments TLC2933IPWLE Datasheet HTML 3Page - Texas Instruments TLC2933IPWLE Datasheet HTML 4Page - Texas Instruments TLC2933IPWLE Datasheet HTML 5Page - Texas Instruments TLC2933IPWLE Datasheet HTML 6Page - Texas Instruments TLC2933IPWLE Datasheet HTML 7Page - Texas Instruments TLC2933IPWLE Datasheet HTML 8Page - Texas Instruments TLC2933IPWLE Datasheet HTML 9Page - Texas Instruments TLC2933IPWLE Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
TLC2933
HIGHPERFORMANCE PHASELOCKED LOOP
SLAS136B − APRIL 1996 − REVISED JANUARY 2002
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
operating characteristics over recommended operating free-air temperature range, VDD = 3 V
(unless otherwise noted)
VCO section
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fosc
Operating oscillation frequency
RBIAS = 2.4 kΩ, VCO IN = 1/2 VDD
38
48
55
MHz
ts(fosc)
Time to stable oscillation (see Note 8)
Measured from VCO INHIBIT
↓
10
µs
tr
Rise time, VCO OUT
↑
CL = 15 pF,
See Figure 3
3.3
10
ns
tf
Fall time, VCO OUT
↓
CL = 15 pF,
See Figure 3
2
8
ns
Duty cycle at VCO OUT
RBIAS = 2.4 kΩ, VCO IN = 1/2 VDD
45%
50%
55%
α(fosc)
Temperature coefficient of oscillation frequency
RBIAS = 2.4 kΩ, VCO IN = 1/2 VDD,
TA = −20°C to 75°C
0.03
%/
°C
kSVS(fosc)
Supply voltage coefficient of oscillation frequency
RBIAS = 2.4 kΩ, VCO IN = 1.5 V,
VDD = 2.85 V to 3.15 V
0.04
%/mV
Jitter absolute (see Note 9)
RBIAS = 2.4 kΩ
100
ps
NOTES:
8. The time period to stabilize the VCO oscillation frequency after the VCO INHIBIT terminal is changed to a low level.
9. Jitter performance is highly dependent on circuit layout and external device characteristics. The jitter specification was made with
a carefully designed printed circuit board (PCB) with no device socket.
PFD section
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fmax
Maximum operating frequency
30
MHz
tPLZ
Disable time, PFD INHIBIT
↑ to PFD OUT Hi-Z
20
40
ns
tPHZ
Disable time, PFD INHIBIT
↑ to PFD OUT Hi-Z
See Figures 4 and 5 and Table 3
18
40
ns
tPZL
Enable time, PFD INHIBIT
↓ to PFD OUT low
See Figures 4 and 5 and Table 3
4.1
18
ns
tPZH
Enable time, PFD INHIBIT
↓ to PFD OUT high
4.8
18
ns
tr
Rise time, PFD OUT
↑
CL = 15 pF,
See Figure 4
3.1
9
ns
tf
Fall time, PFD OUT
↓
CL = 15 pF,
See Figure 4
1.5
9
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com