Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC5620CD Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5620CD
Description  QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5620CD Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC5620CD Datasheet HTML 2Page - Texas Instruments TLC5620CD Datasheet HTML 3Page - Texas Instruments TLC5620CD Datasheet HTML 4Page - Texas Instruments TLC5620CD Datasheet HTML 5Page - Texas Instruments TLC5620CD Datasheet HTML 6Page - Texas Instruments TLC5620CD Datasheet HTML 7Page - Texas Instruments TLC5620CD Datasheet HTML 8Page - Texas Instruments TLC5620CD Datasheet HTML 9Page - Texas Instruments TLC5620CD Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
TLC5620C, TLC5620I
QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
SLAS081E – NOVEMBER 1994 – REVISED NOVEMBER 2001
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
equivalent inputs and outputs
GND
Vref
Input
VDD
To DAC
Resistor
String
_
+
VDD
DAC
Voltage Output
ISINK
60
µA
Typical
84 k
Ω
84 k
Ω
× 1
× 2
Output
Range
Select
Input from
Decoded DAC
Register String
INPUT CIRCUIT
OUTPUT CIRCUIT
GND
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage (VDD – GND)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital input voltage range
GND – 0.3 V to VDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reference input voltage range, VID
GND – 0.3 V to VDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: TLC5620C
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TLC5620I
– 40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
– 50
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VDD
4.75
5.25
V
High-level input voltage, VIH
0.8 VDD
V
Low-level input voltage, VIL
0.8
V
Reference voltage, Vref [A|B|C|D]
VDD – 1.5
V
Analog full-scale output voltage, RL = 10 kΩ
3.5
V
Load resistance, RL
10
k
Ω
Setup time, data input, tsu(DATA-CLK) (see Figures 1 and 2)
50
ns
Valid time, data input valid after CLK
↓, tv(DATA-CLK) (see Figures 1 and 2)
50
ns
Setup time, CLK eleventh falling edge to LOAD, tsu(CLK-LOAD) (see Figure 1)
50
ns
Setup time, LOAD
↑ to CLK↓, tsu(LOAD-CLK) (see Figure 1)
50
ns
Pulse duration, LOAD, tw(LOAD) (see Figure 1)
250
ns
Pulse duration, LDAC, tw(LDAC) (see Figure 2)
250
ns
Setup time, LOAD
↑ to LDAC↓,tsu(LOAD-LDAC) (see Figure 2)
0
ns
CLK frequency
1
MHz
Operating free air temperature TA
TLC5620C
0
70
°C
Operating free-air temperature, TA
TLC5620I
– 40
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com