Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC5620CD Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5620CD
Description  QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5620CD Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC5620CD Datasheet HTML 3Page - Texas Instruments TLC5620CD Datasheet HTML 4Page - Texas Instruments TLC5620CD Datasheet HTML 5Page - Texas Instruments TLC5620CD Datasheet HTML 6Page - Texas Instruments TLC5620CD Datasheet HTML 7Page - Texas Instruments TLC5620CD Datasheet HTML 8Page - Texas Instruments TLC5620CD Datasheet HTML 9Page - Texas Instruments TLC5620CD Datasheet HTML 10Page - Texas Instruments TLC5620CD Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
TLC5620C, TLC5620I
QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
SLAS081E – NOVEMBER 1994 – REVISED NOVEMBER 2001
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, VDD = 5 V ± 5%,
Vref = 2 V, × 1 gain output range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IIH
High-level input current
VI = VDD
±10
µA
IIL
Low-level input current
VI = 0 V
±10
µA
IO(sink)
Output sink current
Each DAC output
20
µA
IO(source)
Output source current
Each DAC output
2
mA
Ci
Input capacitance
15
pF
Ci
Reference input capacitance
15
pF
IDD
Supply current
VDD = 5 V
2
mA
Iref
Reference input current
VDD = 5 V,
Vref = 2 V
±10
µA
EL
Linearity error (end point corrected)
Vref = 2 V,
× 2 gain (see Note 1)
±1
LSB
ED
Differential-linearity error
Vref = 2 V,
× 2 gain (see Note 2)
±0.9
LSB
EZS
Zero-scale error
Vref = 2 V,
× 2 gain (see Note 3)
0
30
mV
Zero-scale-error temperature coefficient
Vref = 2 V,
× 2 gain (see Note 4)
10
µV/°C
EFS
Full-scale error
Vref = 2 V,
× 2 gain (see Note 5)
±60
mV
Full-scale-error temperature coefficient
Vref = 2 V,
× 2 gain (see Note 6)
±25
µV/°C
PSRR
Power-supply rejection ratio
See Notes 7 and 8
0.5
mV/V
NOTES:
1. Integral nonlinearity (INL) is the maximum deviation of the output from the line between zero and full scale (excluding the effects
of zero code and full-scale errors).
2. Differential nonlinearity (DNL) is the difference between the measured and ideal 1 LSB amplitude change of any two adjacent codes.
Monotonic means the output voltage changes in the same direction (or remains constant) as a change in the digital input code.
3. Zero-scale error is the deviation from zero voltage output when the digital input code is zero.
4. Zero-scale-error temperature coefficient is given by: ZSETC = [ZSE(Tmax) – ZSE(Tmin)]/Vref × 106/(Tmax – Tmin).
5. Full-scale error is the deviation from the ideal full-scale output (Vref – 1 LSB) with an output load of 10 kΩ.
6. Full-scale-error temperature coefficient is given by: FSETC = [FSE(Tmax) – FSE (Tmin)]/Vref × 106/(Tmax – Tmin).
7. Zero-scale-error rejection ratio (ZSE RR) is measured by varying the VDD from 4.5 V to 5.5 V dc and measuring the proportion of
this signal imposed on the zero-code output voltage.
8. Full-scale-error rejection ratio (FSE RR) is measured by varying the VDD from 4.5 V to 5.5 V dc and measuring the proportion of
this signal imposed on the full-scale output voltage.
operating characteristics over recommended operating free-air temperature range, VDD = 5 V ± 5%,
Vref = 2 V, × 1 gain output range (unless otherwise noted)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output slew rate
CL = 100 pF,
RL = 10 kΩ
1
V/
µs
Output settling time
To
±0.5 LSB, CL = 100 pF,
RL = 10 kΩ,
See Note 9
10
µs
Large-signal bandwidth
Measured at – 3 dB point
100
kHz
Digital crosstalk
CLK = 1-MHz square wave measured at DACA-DACD
– 50
dB
Reference feedthrough
See Note 10
– 60
dB
Channel-to-channel isolation
See Note 11
– 60
dB
Reference input bandwidth
See Note 12
100
kHz
NOTES:
9. Settling time is the time between a LOAD falling edge and the DAC output reaching full scale voltage within +/– 0.5 LSB starting from
an initial output voltage equal to zero.
10. Reference feedthrough is measured at any DAC output with an input code = 00 hex with a Vref input = 1 V dc + 1 Vpp at 10 kHz.
11. Channel-to-channel isolation is measured by setting the input code of one DAC to FF hex and the code of all other DACs to 00 hex
with Vref input = 1 V dc + 1 Vpp at 10 kHz.
12. Reference bandwidth is the –3 dB bandwidth with an input at Vref = 1.25 V dc + 2 Vpp and with a full-scale digital-input code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com