Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC5620CD Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5620CD
Description  QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5620CD Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLC5620CD Datasheet HTML 4Page - Texas Instruments TLC5620CD Datasheet HTML 5Page - Texas Instruments TLC5620CD Datasheet HTML 6Page - Texas Instruments TLC5620CD Datasheet HTML 7Page - Texas Instruments TLC5620CD Datasheet HTML 8Page - Texas Instruments TLC5620CD Datasheet HTML 9Page - Texas Instruments TLC5620CD Datasheet HTML 10Page - Texas Instruments TLC5620CD Datasheet HTML 11Page - Texas Instruments TLC5620CD Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
TLC5620C, TLC5620I
QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
SLAS081E – NOVEMBER 1994 – REVISED NOVEMBER 2001
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
10 k
Ω
CL = 100 pF
TLC5620
DACA
DACB
•
•
•
DACD
Figure 6. Slew, Settling Time, and Linearity Measurements
TYPICAL CHARACTERISTICS
Figure 7
02
4
6
8
10
12
14
16
18
t – Time –
µs
VDD = 5 V
TA = 25°C
Code 00 to FF Hex
Range =
×2
Vref = 2 V
3
1
0
2
LDAC
POSITIVE RISE AND SETTLING TIME
Figure 8
02
4
6
8
10
12
14
16
18
t – Time –
µs
3
1
0
2
LDAC
VDD = 5 V
TA = 25°C
Code FF to 00 Hex
Range =
×2
Vref = 2 V
NEGATIVE FALL AND SETTLING TIME



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com