Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS024G Datasheet(PDF) 6 Page - International Rectifier

Part # IPS024G
Description  QUAD FULLY PROTECTED POWER MOSFET SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS024G Datasheet(HTML) 6 Page - International Rectifier

Back Button IPS024G Datasheet HTML 2Page - International Rectifier IPS024G Datasheet HTML 3Page - International Rectifier IPS024G Datasheet HTML 4Page - International Rectifier IPS024G Datasheet HTML 5Page - International Rectifier IPS024G Datasheet HTML 6Page - International Rectifier IPS024G Datasheet HTML 7Page - International Rectifier IPS024G Datasheet HTML 8Page - International Rectifier IPS024G Datasheet HTML 9Page - International Rectifier IPS024G Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
IPS024G
6
www.irf.com
All curves are typical values with standard footprints. Operating in the shaded area is not recommended.
Figure 6 - Normalized Rds(on) (%) Vs Tj (oC)
Figure 5 - Rds ON (m
Ω) Vs Input Voltage (V)
Tj = 150
oC
Tj = 25
oC
0
50
100
150
200
250
300
012
3456
7
8
0%
20%
40%
60%
80%
100%
120%
140%
160%
180%
200%
-50 -25
0
25 50
75 100 125 150 175
Figure 8 - Turn-OFF Delay Time & Fall Time (us)
Vs Input Voltage (V)
Figure 7 - Turn-ON Delay Time, Rise Time & Time
to 130% final Rds(on) (us) Vs Input Voltage (V)
0
1
2
3
4
5
6
7
8
9
10
01
2
3
45
6
7
8
ton de lay
ris e tim e
130% rds on
0
1
2
3
4
0
1
2
3
456
78
toff de lay
fall tim e



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com