Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS024G Datasheet(PDF) 2 Page - International Rectifier

Part # IPS024G
Description  QUAD FULLY PROTECTED POWER MOSFET SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS024G Datasheet(HTML) 2 Page - International Rectifier

  IPS024G Datasheet HTML 1Page - International Rectifier IPS024G Datasheet HTML 2Page - International Rectifier IPS024G Datasheet HTML 3Page - International Rectifier IPS024G Datasheet HTML 4Page - International Rectifier IPS024G Datasheet HTML 5Page - International Rectifier IPS024G Datasheet HTML 6Page - International Rectifier IPS024G Datasheet HTML 7Page - International Rectifier IPS024G Datasheet HTML 8Page - International Rectifier IPS024G Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IPS024G
2
www.irf.com
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters
are referenced to SOURCE lead. (TAmbient = 25
oC unless otherwise specified). PCB mounting uses the standard foot-
print with 70
µm copper thickness.
Symbol Parameter
Min.
Max.
Units
Test Conditions
Vds
Maximum drain to source voltage
—
47
Vin
Maximum input voltage
-0.3
7
Iin, max
Maximum IN current
-10
+10
mA
Isd cont.
Diode max. continuous current (1)
(∑ lsd mosfets, rth=125oC/W)
—
2.3
Isd pulsed Diode max. pulsed current (1) (for ea. mosfet)
—10
Pd
Maximum power dissipation
(1)
(∑ Pd mosfets, rth=125oC/W)
—
1
W
ESD1
Electrostatic discharge voltage (Human Body)
—
4
C=100pF, R=1500
Ω,
ESD2
Electrostatic discharge voltage (Machine Model)
—
0.5
C=200pF, R=0
Ω, L=10µH
T stor.
Max. storage temperature
-55
150
Tj max.
Max. junction temperature
-40
+150
V
A
kV
(1) Limited by junction temperature (pulsed current limited also by internal wiring)
Symbol Parameter
Min.
Typ.
Max. Units Test Conditions
Rth1
Thermal resistance with standard footprint
(4 mos on)
(4 mosfets on)
—
75
—
Rth2
Thermal resistance with standard footprint
(1mos on)
(1 mosfet on)
—
120
—
Rth3
Thermal resistance with 1" square footprint
(4 mos on)
(4 mosfets on)
—
60
—
Thermal Characteristics
oC/W
oC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com