Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS024G Datasheet(PDF) 8 Page - International Rectifier

Part # IPS024G
Description  QUAD FULLY PROTECTED POWER MOSFET SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS024G Datasheet(HTML) 8 Page - International Rectifier

Back Button IPS024G Datasheet HTML 2Page - International Rectifier IPS024G Datasheet HTML 3Page - International Rectifier IPS024G Datasheet HTML 4Page - International Rectifier IPS024G Datasheet HTML 5Page - International Rectifier IPS024G Datasheet HTML 6Page - International Rectifier IPS024G Datasheet HTML 7Page - International Rectifier IPS024G Datasheet HTML 8Page - International Rectifier IPS024G Datasheet HTML 9Page - International Rectifier IPS024G Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
IPS024G
8
www.irf.com
Figure 15 - Max. Iclamp (A) Vs Inductive Load (mH)
0.1
1
10
0. 01
0. 1
1
1 0
1 0 0
s ingle puls e
100 Hz r th=100°C/W dT=25°C
1k Hz
rth=100°C/W dT=25°C
Vbat = 14 V
Tjini = T sd for single pulse
all curves for 1 mosfet active
Figure 14 - Ids (A) Vs Protection Resp. Time (s)
Figure 13 - Max.Cont. Ids (A)
Vs Amb. Temperature (oC) - IPS024G
1
10
100
T=25°C Std. footprint
T=100°C Std footprint
Current path capability should
be above this curve
Load characteristic should
be below this curve
0
1
2
3
4
5
-50
0
50
100
150
200
Std. footpr int 75°C/W 1 m ofe t on
Std. footpr int 75°C/W 4 m os fe t on
Std. footprint 120oC/W 1 mosfet on
Std. footprint 120oC/W
1 mosfet on
Std. footprint 75oC/W
4 mosfets on
Figure 16 - Transient Thermal Imped. (oC/W)
Vs Time (s)
0.01
0.1
1
10
10 0
rth 1 mosfet on
rth 4 mofets on
Single pulse



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com