Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3950 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LP3950
Description  Color LED Driver with Audio Synchronizer
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3950 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP3950 Datasheet HTML 2Page - Texas Instruments LP3950 Datasheet HTML 3Page - Texas Instruments LP3950 Datasheet HTML 4Page - Texas Instruments LP3950 Datasheet HTML 5Page - Texas Instruments LP3950 Datasheet HTML 6Page - Texas Instruments LP3950 Datasheet HTML 7Page - Texas Instruments LP3950 Datasheet HTML 8Page - Texas Instruments LP3950 Datasheet HTML 9Page - Texas Instruments LP3950 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
VDD2
VDD1
LDO
2.8V
BATTERY
IMAX = 300 mA
COUT
100 nF
100 nF
4.7 PH
CIN
10 PF
10 PF
CVDD1
CVDD2
R1
G1
B1
R2
G2
B2
VOUT = 4.1V TO 5.3V
10 nF
10 nF
10 nF
ASE
AD2
AD1
LP3950
SINGLE ENDED
AUDIO SIGNAL
DIFFERENTIAL
AUDIO SIGNAL
SW
FB
GND_BOOST
EN
BOOST
RT
RT
82k
100 nF
CVREF
ADC
MICROCONTROLLER
100 nF
CVDDIO
LEVEL SHIFTER
SPI
I
2
C
RGB PATTERN
GENERATOR
AGC
OSC
VREF
THSD
PWM
CTRL
AMPL
FREQ
VREF
GND_RGB
GNDA
CVDDA
100 nF
VDDA
D1
RR1
RG1
RB1
RR2
RG2
RB2
L1
LP3950
SNVS331C – NOVEMBER 2004 – REVISED APRIL 2013
www.ti.com
Block Diagram
Figure 2. LP3950 Block Diagram
Modes of Operation
RESET: In the RESET mode all the internal registers are reset to the default values. RESET is entered always if
input NRST is LOW or internal Power On Reset is active.
STANDBY: The STANDBY mode is entered if the register bit NSTBY is LOW and RESET is not active. This is
the low power consumption mode, when all the circuit functions are disabled. Registers can be written in
this mode and the control bits are effective immediately after start up.
STARTUP: INTERNAL STARTUP SEQUENCE powers up all the needed internal blocks (VREF, oscillator, etc.).
To ensure the correct oscillator initialization, a 10 ms delay is generated by the internal state-machine.
Thermal shutdown (THSD) disables the chip operation and Startup mode is entered until no thermal
shutdown event is present.
BOOST STARTUP: Soft start for boost output is generated in the BOOST STARTUP mode. In this mode the
boost output is raised in PFM mode during the 10 ms delay generated by the state-machine. All RGB
outputs are off during the 10 ms delay to ensure smooth startup. The Boost startup is entered from
Internal Startup Sequence if EN_BOOST is HIGH or from Normal mode when EN_BOOST is written
HIGH.
NORMAL: During the NORMAL mode the user controls the chip using the control registers. Registers can be
written in any sequence and any number of bits can be altered in a register within one write cycle . If the
default mode is selected, default control register values are used.
6
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LP3950



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com