Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3950 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LP3950
Description  Color LED Driver with Audio Synchronizer
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3950 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP3950 Datasheet HTML 7Page - Texas Instruments LP3950 Datasheet HTML 8Page - Texas Instruments LP3950 Datasheet HTML 9Page - Texas Instruments LP3950 Datasheet HTML 10Page - Texas Instruments LP3950 Datasheet HTML 11Page - Texas Instruments LP3950 Datasheet HTML 12Page - Texas Instruments LP3950 Datasheet HTML 13Page - Texas Instruments LP3950 Datasheet HTML 14Page - Texas Instruments LP3950 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
start
msb Chip Address lsb
w
ack
msb Register Add lsb
ack
msb
DATA
lsb
ack
stop
ack from slave
ack from slave
ack from slave
SCL
SDA
start
Id = 36h
w
ack
addr = 02h
ack
ack
DGGUHVV K¶02 data
stop
ADR6
bit7
ADR5
bit6
ADR4
bit5
ADR3
bit4
ADR2
bit3
ADR1
bit2
ADR0
bit1
R/W
bit0
MSB
LSB
0
1
1
0
1
1
0
C SLAVE address (chip address)
I
2
SDA
SCL
S
P
START condition
STO
P condition
LP3950
www.ti.com
SNVS331C – NOVEMBER 2004 – REVISED APRIL 2013
I2C START AND STOP CONDITIONS
START and STOP bits classify the beginning and the end of the I2C session. START condition is defined as SDA
signal transition from HIGH to LOW while SCL line is HIGH. STOP condition is defined as the SDA transition
from LOW to HIGH while SCL is HIGH. The I2C master always generates START and STOP bits. The I2C bus is
considered to be busy after START condition and free after STOP condition. During data transmission, the I2C
master can generate repeated START conditions. First START and repeated START conditions are equivalent,
function-wise.
Figure 7. Start and Stop Conditions
TRANSFERRING DATA
Every byte put on the SDA line must be eight bits long, with the most significant bit (MSB) being transferred first.
Each byte of data has to be followed by an acknowledge bit. The acknowledge related clock pulse is generated
by the master. The transmitter releases the SDA line (HIGH) during the acknowledge clock pulse. The receiver
must pull down the SDA line during the 9th clock pulse, signifying an acknowledge. A receiver which has been
addressed must generate an acknowledge after each byte has been received.
After the START condition, the I2C master sends a chip address. This address is seven bits long followed by an
eighth bit which is a data direction bit (R/W). The LP3950 address is 50'h or 51'h. The selection of the address is
done by connecting SI pin to VDDIO (51 hex) or GND (50 hex). For the eighth bit, a “0” indicates a WRITE and a
“1” indicates a READ. The second byte selects the register to which the data will be written. The third byte
contains data to write to the selected register.
Figure 8. I2C Chip Address
w = write (SDA = “0”)
r = read (SDA = “1”)
ack = acknowledge (SDA pulled down by either master or slave)
rs = repeated start
id = chip address, 50'h or 51'h for LP3950.
Figure 9. I2C Write Cycle
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LP3950



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com