Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3950 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LP3950
Description  Color LED Driver with Audio Synchronizer
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3950 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP3950 Datasheet HTML 9Page - Texas Instruments LP3950 Datasheet HTML 10Page - Texas Instruments LP3950 Datasheet HTML 11Page - Texas Instruments LP3950 Datasheet HTML 12Page - Texas Instruments LP3950 Datasheet HTML 13Page - Texas Instruments LP3950 Datasheet HTML 14Page - Texas Instruments LP3950 Datasheet HTML 15Page - Texas Instruments LP3950 Datasheet HTML 16Page - Texas Instruments LP3950 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
+
-
+
-
+
-
+
-
FB
SW
R
S
R
R
R
Duty control
2 MHz clock
OVPCOMP
ERRORAMP
SLOPER
OLPCOMP
RESETCOMP
LOOPC
+
-
+
-
R
FBNCCOMP
ACTIVE
LOAD
SWITCH
V
OUT
VIN
LP3950
www.ti.com
SNVS331C – NOVEMBER 2004 – REVISED APRIL 2013
Magnetic Boost DC/DC Converter
The boost DC/DC converter generates a 4.1V–5.3V output voltage to drive LEDs from a single Li-Ion battery
(3.0V to 4.5V). The output voltage is controlled with an eight-bit register in nine steps. The converter is a
magnetic switching PWM mode DC/DC converter with a current limit. The converter has three options for
switching frequency, 1.0 MHz, 1.67 MHz and 2.0 MHz (default), when the timing resistor RT is 82 k
Ω.
The LP3950 boost converter uses an unique pulse-skipping elimination method to stabilize the noise spectrum.
Even with light load or no load a minimum length current pulse is fed to the inductor. An internal active load is
used to remove the excess charge from the output capacitor when needed (see NOTE below). The boost
converter should be disabled when there is no load to avoid idle current consumption.
The topology of the magnetic boost converter is called CPM control, current programmed mode, where the
inductor current is measured and controlled with the feedback. The output voltage control changes the resistor
divider in the feedback loop.
Figure 12 shows the boost topology with the protection circuitry. Four different protection schemes are
implemented:
1. Over voltage protection, limits the maximum output voltage
–
Keeps the output below breakdown voltage
–
Prevents boost operation if the battery voltage is much higher than desired output
2. Over current protection, limits the maximum inductor current
–
Voltage over switching NMOS is monitored; too high voltages turn the switch off
3. Feedback (FB) protection for no connection
4. Duty cycle limit function, done with digital control
NOTE
When the battery voltage is close to the output voltage, the output voltage may rise slightly
over programmed value if the load on output is small and pulse-skipping elimination is
active.
Figure 12. Boost Converter Functional Block Diagram
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LP3950



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com