Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT0440 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HT0440
Description  Dual, High Voltage, Isolated MOSFET Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HT0440 Datasheet(HTML) 2 Page - Supertex, Inc

  HT0440_13 Datasheet HTML 1Page - Supertex, Inc HT0440_13 Datasheet HTML 2Page - Supertex, Inc HT0440_13 Datasheet HTML 3Page - Supertex, Inc HT0440_13 Datasheet HTML 4Page - Supertex, Inc HT0440_13 Datasheet HTML 5Page - Supertex, Inc HT0440_13 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
HT0440
Supertex inc.
www.supertex.com
Doc.# DSFP-HT0440
D040313
Ordering Information
Part Number Package Options
Packing
HT0440K6-G 10-Lead (3x4) DFN
3000/Reel
HT0440LG-G 8-Lead SOIC (Narrow Body)
2500/Reel
Absolute Maximum Ratings
Parameter
Value
Input to output isolation voltage, V
ISO
±400V
Logic input voltage, V
A, VB
-0.5 to +7.0V
Maximum junction temperature
+125°C
Storage temperature
-55°C to +150°C
Absolute Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation under these conditions is not implied. Continuous operation of the device
at the absolute rating level may affect device reliability. All voltages are referenced to device
ground.
Pin Configurations
Product Marking
YY = Year Sealed
WW = Week Sealed
L = Lot Number
= “Green” Packaging
YYWW
HT04
LLLL
8-Lead SOIC (Narrow Body)
(top view)
8-Lead SOIC (Narrow Body
Recommended Operating Conditions
Sym
Parameter
Min
Typ
Max
Units
Conditions
CLK
External clock frequency
0.5
-
2.0
MHz
---
V
IHCLK
Clock input high voltage
3.15
-
5.5
V
---
V
ILCLK
Clock input low voltage
0
-
0.5
V
---
V
IH
Logic input high voltage
3.15
-
5.5
V
---
V
IL
Logic input low voltage
0
-
0.5
V
---
T
A
Operating temperature
-40
-
+85
O
C
---
Package may or may not include the following marks: Si or
10-Lead DFN
10-Lead DFN
(top view)
0440
YWLL
Y = Last Digit of Year Sealed
W = Code for Week Sealed
L = Lot Number
= “Green” Packaging
Package may or may not include the following marks: Si or
A
CLK
-VOUTA
+VOUTA
1
2
3
4
8
7
6
5
B
GND
-VOUTB
+VOUTB
A
CLK
NC
-V
OUTA
+V
OUTA
1
2
3
4
5
10
9
8
7
6
GND
B
GND
NC
-V
OUTB
+V
OUTB
Typical Thermal Resistance
Package
θ
ja
10-Lead DFN
40OC/W
8-Lead SOIC (Narrow Body)
101OC/W
-G denotes a lead (Pb)-free / RoHS compliant package



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com