Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT0440 Datasheet(PDF) 1 Page - Supertex, Inc

Part # HT0440
Description  Dual, High Voltage, Isolated MOSFET Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HT0440 Datasheet(HTML) 1 Page - Supertex, Inc

  HT0440_13 Datasheet HTML 1Page - Supertex, Inc HT0440_13 Datasheet HTML 2Page - Supertex, Inc HT0440_13 Datasheet HTML 3Page - Supertex, Inc HT0440_13 Datasheet HTML 4Page - Supertex, Inc HT0440_13 Datasheet HTML 5Page - Supertex, Inc HT0440_13 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Supertex inc.
Supertex inc.
www.supertex.com
HT0440
Doc.# DSFP-HT0440
D040313
Features
► ±400V input to output isolation
► ±700V isolation between outputs
► No external voltage supply required
► Dual isolated output drivers
► Option of internal or external clock
Applications
► Telecommunications
► Modems
► Solid state relays
► High side switches
► High end audio switches
► Avionics
► ATE
General Description
The Supertex HT0440 is a dual, high voltage, isolated
MOSFET driver utilizing Supertex’s proprietary HVCMOS®
technology. It is designed to drive discrete MOSFETs
configured as bidirectional or unidirectional switches. It
can drive N-channel MOSFETs as high-side switches up to
400V. The HT0440 generates two independent DC isolated
voltages to the outputs, V
OUTA and VOUTB when logic inputs A
and B are at logic high.
The internal clock of the HT0440 can be disabled by
applying an external clock signal to the CLK pin. This allows
the power dissipation and AC characteristics to be tailored
to meet specific needs. The CLK pin should be connected
to ground when not in use. The HT0440 does not require
any external power supplies, the internal supply voltage is
supplied by either of the two logic inputs, A or B, when they
are at logic high.
For detailed circuit application information, please refer
to application note AN-D26.
Block Diagram
Dual, High Voltage,
Isolated MOSFET Driver
+
V
OUTB
-
4
3
5
6
2
1
8
7
CLK
A
B
GND
Isolation
Barrier
10R
R
R
R
R
10R
R = 158kΩ ± 47%
Driver A
Driver B
Logic &
Internal
Clock
+
V
OUTA
-


Similar Part No. - HT0440_13

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HT0440LG SUTEX-HT0440LG Datasheet
84Kb / 4P
Dual High Voltage Isolated MOSFET Driver
More results

Similar Description - HT0440_13

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HT0440 SUTEX-HT0440 Datasheet
84Kb / 4P
Dual High Voltage Isolated MOSFET Driver
HT0740 SUTEX-HT0740 Datasheet
72Kb / 3P
High Voltage Isolated MOSFET Driver
logo
Central Semiconductor C...
BAW101 CENTRAL-BAW101 Datasheet
152Kb / 2P
DUAL, ISOLATED HIGH VOLTAGE SWITCHING DIODES
logo
Microsemi Corporation
APTRG8A120 MICROSEMI-APTRG8A120 Datasheet
242Kb / 4P
Dual IGBT Isolated Driver
logo
Supertex, Inc
HT0740 SUTEX-HT0740_07 Datasheet
436Kb / 4P
High Voltage, Isolated MOSFET Driver
HT0740 SUTEX-HT0740_13 Datasheet
657Kb / 4P
High Voltage, Isolated MOSFET Driver
logo
Microchip Technology
HT0740 MICROCHIP-HT0740 Datasheet
369Kb / 12P
High-Voltage Isolated MOSFET Driver
06/23/16
logo
Nexperia B.V. All right...
BAS21PG NEXPERIA-BAS21PG Datasheet
686Kb / 13P
Dual isolated high-voltage switching diode
logo
ON Semiconductor
NCD57252 ONSEMI-NCD57252 Datasheet
839Kb / 24P
Isolated Dual Channel IGBT/MOSFET Gate Driver
November, 2022 - Rev. 4
NCD57252 ONSEMI-NCD57252_V01 Datasheet
843Kb / 24P
Isolated Dual Channel IGBT/MOSFET Gate Driver
June, 2023 - Rev. 5
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com