Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT0440 Datasheet(PDF) 3 Page - Supertex, Inc

Part # HT0440
Description  Dual, High Voltage, Isolated MOSFET Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HT0440 Datasheet(HTML) 3 Page - Supertex, Inc

  HT0440_13 Datasheet HTML 1Page - Supertex, Inc HT0440_13 Datasheet HTML 2Page - Supertex, Inc HT0440_13 Datasheet HTML 3Page - Supertex, Inc HT0440_13 Datasheet HTML 4Page - Supertex, Inc HT0440_13 Datasheet HTML 5Page - Supertex, Inc HT0440_13 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
HT0440
Supertex inc.
www.supertex.com
Doc.# DSFP-HT0440
D040313
Truth Table
A
B
CLK
V
OUTA
V
OUTB
Internal Clock
0
0
0
OFF
OFF
OFF
0
0
OFF
ON
ON
0
0
ON
OFF
ON
1
1
0
ON
ON
ON
0
0
CLK
OFF
OFF
OFF
0
CLK
OFF
ON
OFF
0
CLK
ON
OFF
OFF
1
1
CLK
ON
ON
OFF
Sym
Parameter
Min
Typ
Max
Units
Conditions
I
HA + IHB
Total logic high input current
-
-
300
µA
V
A = 3.5V, VB = 3.5V, CLK = 0V
-
-
500
µA
V
A = 3.5V, VB = 3.5V, CLK = 500kHz
-
-
2.0
mA
V
A = 3.5V, VB = 3.5V, CLK = 2.0MHz
-
-
1.0
mA
V
A = 5.5V, VB = 5.5V, CLK = 0V
-
-
2.0
mA
V
A = 5.5V, VB = 5.5V, CLK = 500kHz
V
OUTA,
V
OUTB
Output voltage
6.0
-
-
V
V
A = 3.15V, VB = 3.15V,
CLK = 0V, no load
5.0
-
-
V
V
A = 3.15V, VB = 3.15V,
CLK = 500kHz, no load
6.0
-
-
V
V
A = 3.15V, VB = 3.15V,
CLK = 2.0MHz, no load
10.0
-
-
V
V
A = 4.5V, VB = 4.5V,
CLK = 0V, no load
8.0
-
-
V
V
A = 4.5V, VB = 4.5V,
CLK = 500KHz, no load
I
ILA
Logic low input A current
-
-
10
µA
V
A = 0.5V, VB = high
I
ILB
Logic low input B current
-
-
10
µA
V
A = high, VB = 0.5V
I
ILQ
Quiescent current
-
-
10
µA
V
A = 0.5V, VB = 0.5V
V
ISO
Input to output isolation voltage
±400
-
-
V
---
V
CISO
Output to output isolation voltage
±700
-
-
V
---
DC Electrical Characteristics (T
A = 25°C unless otherwise specified)
Sym
Parameter
Min
Typ
Max
Units
Conditions
t
d(ON)
Turn-ON delay time
-
-
50
µs
See timing diagram and test circuit
CLK = 0V, CL = 600pF
t
r
Rise time
-
-
650
µs
t
d(OFF)
Turn-OFF delay time
-
-
150
µs
t
f
Fall time
-
-
3.0
ms
AC Electrical Characteristics (T
A =25°C unless otherwise specified)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com