Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5560TMX/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LP5560TMX/NOPB
Description  LP5560 Programmable LED Driver With Single-Wire Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5560TMX/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button LP5560TMX/NOPB Datasheet HTML 13Page - Texas Instruments LP5560TMX/NOPB Datasheet HTML 14Page - Texas Instruments LP5560TMX/NOPB Datasheet HTML 15Page - Texas Instruments LP5560TMX/NOPB Datasheet HTML 16Page - Texas Instruments LP5560TMX/NOPB Datasheet HTML 17Page - Texas Instruments LP5560TMX/NOPB Datasheet HTML 18Page - Texas Instruments LP5560TMX/NOPB Datasheet HTML 19Page - Texas Instruments LP5560TMX/NOPB Datasheet HTML 20Page - Texas Instruments LP5560TMX/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
Power On Reset
Stand By
Command
entering
period
+
Blank period
Rising edge at CTRL
Run Mode
Follow Mode
Run Once Mode
Training Mode
CTRL = LOW
CTRL = LOW
Run Once
Command,
CTRL = High,
Mode = 1
Training
Start
Command
Run Command
or Run Once
Command,
Mode = 0
Run
Command,
Mode = 1
CTRL = LOW
Training end
or timeout
Wait for CTRL
Run Once
Command,
CTRL = low,
CTRL = High
Mode = 1
CTRL = High
Mode = 0
17
LP5560
www.ti.com
SNVS873D – AUGUST 2012 – REVISED JUNE 2016
Product Folder Links: LP5560
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
7.4 Device Functional Modes
POWER-ON RESET When input voltage is applied to VDD pin device goes through power on reset (POR).
During POR defaults are set into control registers.
STANDBY: After POR device goes to standby. This is the low power mode when all the internal blocks are shut
down.
COMMAND ENTERING PERIOD + BLANK PERIOD: Rising edge of the CTRL signal activates the circuit and
starts a command entering period. During the command entering period all rising edges are
counted. After command entering period there is a blank period when no rising edges are allowed.
RUN:
If mode bit is 1 (run mode) and run command has been detected device goes into run mode. In run
mode LP5560 generates the programmed blinking sequence.
FOLLOW MODE: If mode bit is 0 (follow mode) and run command or run once command has been detected
LP5560 goes into follow mode. In follow mode LED stays on as long as CTRL pin is held high.
RUN-ONCE MODE: If run once command has been detected and mode bit is 1 (run mode) device goes into
run-once mode. In run-once mode LP5560 generates the programmed blinking sequence once.
CTRL must be high as long as blinking sequence is running.
TRAINING: If training start command has been detected device goes into training mode. In training mode a
new blinking sequence can be programmed into the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com