Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5560TMX/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP5560TMX/NOPB
Description  LP5560 Programmable LED Driver With Single-Wire Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5560TMX/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LP5560TMX/NOPB Datasheet HTML 1Page - Texas Instruments LP5560TMX/NOPB Datasheet HTML 2Page - Texas Instruments LP5560TMX/NOPB Datasheet HTML 3Page - Texas Instruments LP5560TMX/NOPB Datasheet HTML 4Page - Texas Instruments LP5560TMX/NOPB Datasheet HTML 5Page - Texas Instruments LP5560TMX/NOPB Datasheet HTML 6Page - Texas Instruments LP5560TMX/NOPB Datasheet HTML 7Page - Texas Instruments LP5560TMX/NOPB Datasheet HTML 8Page - Texas Instruments LP5560TMX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
5
LP5560
www.ti.com
SNVS873D – AUGUST 2012 – REVISED JUNE 2016
Product Folder Links: LP5560
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see Semiconductor and IC Package Thermal Metrics.
6.4 Thermal Information
THERMAL METRIC(1)
LP5560
UNIT
YFQ (DSBGA)
4 PINS
RθJA
Junction-to-ambient thermal resistance
184.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
1.8
°C/W
RθJB
Junction-to-board thermal resistance
103.2
°C/W
ψJT
Junction-to-top characterization parameter
9.1
°C/W
ψJB
Junction-to-board characterization parameter
103.1
°C/W
(1)
All voltages are with respect to the potential at the GND pins.
(2)
Minimum and Maximum limits are specified by design, test, or statistical analysis. Typical numbers are not ensured, but do represent the
most likely norm.
(3)
ILED = LED output current, VLED = LED forward voltage.
(4)
For LED output pin, headroom voltage is defined as the voltage across the internal current source when the LED current has dropped
10% from the value measured at VIN – 0.5 V. If headroom voltage requirement is not met, LED current regulation is compromised.
(5)
Specified by design.
(6)
LED current ramp-up and ramp-down uses a combined PWM-current adjustment.
6.5 Electrical Characteristics
Unless otherwise specified: VIN = 3.6 V, CTRL = 3.6 V, VLED = 3.1 V; typical limits are for TA = 25°C, and minimum and
maximum limits apply over the operating ambient temperature range (
−30°C < TA < +85°C).
(1) (2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ISD
Shutdown supply current
CTRL = 0 V
0.4
0.75
µA
IQ
Quiescent supply current
ILED = 0 mA
25
30
ILED
LED output current
ISET = 0
2.26
2.8
3.34
mA
ISET = 1 (default)
4.61
5.3
5.99
ISET = 2
6.78
7.8
8.82
ISET = 3
8.87
10.2
11.53
ISET = 4
10.96
12.6
14.24
ISET = 5
13.5
15.0
16.5
ISET = 6
15.05
17.3
19.55
ISET = 7
16.96
19.5
22.04
ΔILED%/ΔVIN
Line regulation
2.7 V
≤ VIN ≤ 4.5 V
–3%
3%
%/1V
IDX = 5.3 mA, Vƒ = 2.5 V
ΔILED%/ΔVLED
(3)
Load regulation
1.7 V
≤ VLED ≤ 3.4 V, ILED = 5.3 mA
0.6
VHR
Headroom voltage(4)
ILED = 5.3 mA
40
100
mV
ILED = 19.5 mA
40
VIH
Logic input high level
VIN = 2.7 V to 5.5 V
1.1
V
VIL
Logic input low level
VIN = 2.7 V to 5.5 V
0.6
V
ICTRL
CTRL pin leakage current
CTRL = 1.8 V
400
nA
T_cycle_H
LED On time
Adjustable(5), TA = 25°C
13.2
3009.6
ms
T_cycle_L
LED OFF time
26.4
6019.2
ms
Trise
LED current rise time(6)
0
1584
ms
Tfall
LED current fall time(6)
0
1584
ms
Fade resolution
Rise/fall time resolution
See(5)
105.6
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com