Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5560TMX/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LP5560TMX/NOPB
Description  LP5560 Programmable LED Driver With Single-Wire Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5560TMX/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP5560TMX/NOPB Datasheet HTML 5Page - Texas Instruments LP5560TMX/NOPB Datasheet HTML 6Page - Texas Instruments LP5560TMX/NOPB Datasheet HTML 7Page - Texas Instruments LP5560TMX/NOPB Datasheet HTML 8Page - Texas Instruments LP5560TMX/NOPB Datasheet HTML 9Page - Texas Instruments LP5560TMX/NOPB Datasheet HTML 10Page - Texas Instruments LP5560TMX/NOPB Datasheet HTML 11Page - Texas Instruments LP5560TMX/NOPB Datasheet HTML 12Page - Texas Instruments LP5560TMX/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
Command
entering
period
Blank
period
Command
execution
starts
CTRL
LED
9
LP5560
www.ti.com
SNVS873D – AUGUST 2012 – REVISED JUNE 2016
Product Folder Links: LP5560
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 LED Driver Headroom Voltage
The current source is connected internally between the VDD and LED output pins. The voltage across the
current source, (VVDD − VLED), is referred as headroom voltage (VHR). The current source requires a sufficient
amount of headroom voltage to be present across it in order to regulate the output current properly. The LP5560
headroom voltage requirement is 40 mV (typical) and does not depend on the current setting.
7.3.2 Single-Wire Interface
The LP5560 has one digital control input (CTRL). Threshold levels of CTRL input are fixed to support control
from low-voltage controller. The CTRL signal is used to control the mode of the circuit. The rising edge of the
CTRL signal activates the circuit and starts a command entering period. During the command entering period all
rising edges are counted. After command entering period there is a blank period when no rising edges are
allowed. If there are any rising edges during blank period these are not detected. User must take care not to start
the training sequence before blank period has elapsed or the training sequence is corrupted.
If CTRL is left high after command entering period, the consequent command is performed right after the blank
period. In case of run once command CTRL pin can be set low after the command entering period and execution
of the command starts once CTRL pin is pulled high after blank period.
Figure 8. Single-Wire Interface
The LP5560 has four different commands. Command depends on the number of rising edges during command
entering period. If there are more than 4 rising edges during command entering period command is ignored. Note
that even in this case blank period needs to elapse before next command can be given.
Table 1. LP5560 Commands
COMMAND
NUMBER OF RISING EDGES DURING COMMAND
ENTERING PERIOD
Run
1
Training start
2
Training end
3
Run once
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com