Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV521 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LPV521
Description  NanoPower, 1.8-V, RRIO, CMOS Input, Operational Amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV521 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LPV521 Datasheet HTML 4Page - Texas Instruments LPV521 Datasheet HTML 5Page - Texas Instruments LPV521 Datasheet HTML 6Page - Texas Instruments LPV521 Datasheet HTML 7Page - Texas Instruments LPV521 Datasheet HTML 8Page - Texas Instruments LPV521 Datasheet HTML 9Page - Texas Instruments LPV521 Datasheet HTML 10Page - Texas Instruments LPV521 Datasheet HTML 11Page - Texas Instruments LPV521 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
LPV521
SNOSB14D – AUGUST 2009 – REVISED DECEMBER 2014
www.ti.com
5-V DC Electrical Characteristics (continued)
Unless otherwise specified, all limits for TA = 25°C, V
+ = 5 V, V− = 0 V, V
CM = VO = V
+/2, and R
L > 1 MΩ.
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VO
Output Swing High
RL = 100 kΩ to V
+/2
3
50
VIN(diff) = 100 mV
Temperature extremes
50
mV from
either rail
Output Swing Low
RL = 100 kΩ to V
+/2
3
50
VIN (diff) = −100 mV
Temperature extremes
50
IO
Output Current
Sourcing, VO to V
−
15
23
VIN(diff) = 100 mV
Temperature extremes
8
mA
Sinking, VO to V
+
15
22
VIN(diff) = −100 mV
Temperature extremes
8
IS
Supply Current
VCM = 0.3 V
351
400
Temperature extremes
620
nA
VCM = 4.7 V
475
600
Temperature extremes
870
6.10 5-V AC Electrical Characteristics
(1)
Unless otherwise specified, all limits for TA = 25°C, V
+ = 5 V, V− = 0 V, V
CM = VO = V
+/2, and R
L > 1 MΩ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(2)
(3)
(2)
GBW
Gain-Bandwidth Product
CL = 20 pF, RL = 100 kΩ
6.2
kHz
SR
Slew Rate
AV = +1,
Falling Edge
1.1
2.7
VIN = 0 V to 5 V
Temperature
1.2
extremes
V/ms
Rising Edge
1.1
2.4
Temperature
1.2
extremes
θ m
Phase Margin
CL = 20 pF, RL = 100 kΩ
73
deg
Gm
Gain Margin
CL = 20 pF, RL = 100 kΩ
20
dB
en
Input-Referred Voltage Noise Density
f = 100 Hz
255
nV/
√Hz
Input-Referred Voltage Noise
0.1 Hz to 10 Hz
22
μVPP
In
Input-Referred Current Noise
f = 100 Hz
100
fA/
√Hz
EMIRR
EMI Rejection Ratio, IN+ and IN
−(4)
VRF_PEAK = 100 mVP (−20 dBP),
121
f = 400 MHz
VRF_PEAK = 100 mVP (−20 dBP),
121
f = 900 MHz
dB
VRF_PEAK = 100 mVP (−20 dBP),
124
f = 1800 MHz
VRF_PEAK = 100 mVP (−20 dBP),
142
f = 2400 MHz
(1)
Electrical Characteristics values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in
very limited self-heating of the device such that TJ = TA. No guarantee of parametric performance is indicated in the electrical tables
under conditions of internal self-heating where TJ TA. Absolute Maximum Ratings indicate junction temperature limits beyond which the
device may be permanently degraded, either mechanically or electrically.
(2)
All limits are guaranteed by testing, statistical analysis or design.
(3)
Typical values represent the most likely parametric norm at the time of characterization. Actual typical values may vary over time and
will also depend on the application and configuration. The typical values are not tested and are not guaranteed on shipped production
material.
(4)
The EMI Rejection Ratio is defined as EMIRR = 20log (VRF_PEAK/
ΔVOS).
8
Submit Documentation Feedback
Copyright © 2009–2014, Texas Instruments Incorporated
Product Folder Links: LPV521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com