Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV521 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LPV521
Description  NanoPower, 1.8-V, RRIO, CMOS Input, Operational Amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV521 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LPV521 Datasheet HTML 11Page - Texas Instruments LPV521 Datasheet HTML 12Page - Texas Instruments LPV521 Datasheet HTML 13Page - Texas Instruments LPV521 Datasheet HTML 14Page - Texas Instruments LPV521 Datasheet HTML 15Page - Texas Instruments LPV521 Datasheet HTML 16Page - Texas Instruments LPV521 Datasheet HTML 17Page - Texas Instruments LPV521 Datasheet HTML 18Page - Texas Instruments LPV521 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
FREQUENCY (Hz)
60
40
20
0
-20
130
110
90
70
50
30
10
-10
-30
100
1k
10k
100k
VS = 1.8V
CL = 20 pF
RL = 1 M:
PHASE
GAIN
-40°C
125°C
25°C
85°C
FREQUENCY (Hz)
60
40
20
0
-20
130
110
90
70
50
30
10
-10
-30
100
1k
10k
100k
VS = 3.3V
CL = 20 pF
RL = 1 M:
PHASE
GAIN
-40°C
125°C
25°C
85°C
FREQUENCY (Hz)
100
80
60
40
20
0
VS = 1.8V, 3.3V, 5V
VS = 5V
VS = 3.3V
VS = 1.8V
+PSRR
-PSRR
10
100
1k
10k
100k
FREQUENCY (Hz)
100
90
80
70
60
50
40
1e1
1e2
1e3
1e4
1e5
10
100
1k
10k
100k
VS = 5V
VS = 1.8V
VS = 1.8V, 3.3V, 5V
VCM (V)
400
300
200
100
0
-100
-200
-300
0
1
2
3
4
5
-40°C
25°C
VS = 5V
VCM (V)
30
25
20
15
10
5
0
-5
-10
-15
-20
0
1
2
3
4
5
85°C
125°C
VS = 5V
LPV521
www.ti.com
SNOSB14D – AUGUST 2009 – REVISED DECEMBER 2014
Typical Characteristics (continued)
At TJ = 25°C, unless otherwise specified.
Figure 37. Input Bias Current vs. Common Mode Voltage
Figure 38. Input Bias Current vs. Common Mode Voltage
Figure 39. PSRR vs. Frequency
Figure 40. CMRR vs. Frequency
Figure 41. Frequency Response vs. Temperature
Figure 42. Frequency Response vs. Temperature
Copyright © 2009–2014, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LPV521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com