Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV521 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LPV521
Description  NanoPower, 1.8-V, RRIO, CMOS Input, Operational Amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV521 Datasheet(HTML) 1 Page - Texas Instruments

  LPV521 Datasheet HTML 1Page - Texas Instruments LPV521 Datasheet HTML 2Page - Texas Instruments LPV521 Datasheet HTML 3Page - Texas Instruments LPV521 Datasheet HTML 4Page - Texas Instruments LPV521 Datasheet HTML 5Page - Texas Instruments LPV521 Datasheet HTML 6Page - Texas Instruments LPV521 Datasheet HTML 7Page - Texas Instruments LPV521 Datasheet HTML 8Page - Texas Instruments LPV521 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
SUPPLY VOLTAGE (V)
800
700
600
500
400
300
200
100
0
1
2
3
4
5
6
125°C
85°C
25°C
-40°C
VCM = VS ± 0.3V
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LPV521
SNOSB14D – AUGUST 2009 – REVISED DECEMBER 2014
LPV521 NanoPower, 1.8-V, RRIO, CMOS Input, Operational Amplifier
1 Features
3 Description
The LPV521 is a single nanopower 552-nW amplifier
1
•
For VS = 5 V, Typical Unless Otherwise Noted
designed for ultra long life battery applications. The
–
Supply Current at VCM = 0.3 V 400 nA (Max)
operating voltage range of 1.6 V to 5.5 V coupled
–
Operating Voltage Range 1.6 V to 5.5 V
with typically 351 nA of supply current make it well
suited
for
RFID
readers
and
remote
sensor
–
Low TCVOS 3.5 µV/°C (Max)
nanopower
applications.
The
device
has
input
–
VOS 1 mV (Max)
common
mode
voltage
0.1
V
over
the
rails,
–
Input Bias Current 40 fA
guaranteed TCVOS and voltage swing to the rail
output performance. The LPV521 has a carefully
–
PSRR 109 dB
designed
CMOS
input
stage
that
outperforms
–
CMRR 102 dB
competitors with typically 40 fA IBIAS currents. This
–
Open-Loop Gain 132 dB
low input current significantly reduces IBIAS and IOS
errors
introduced
in
megohm
resistance,
high
–
Gain Bandwidth Product 6.2 kHz
impedance photodiode, and charge sense situations.
–
Slew Rate 2.4 V/ms
The LPV521 is a member of the PowerWise™ family
–
Input Voltage Noise at f = 100 Hz 255 nV/
√Hz
and has an exceptional power-to-performance ratio.
–
Temperature Range
−40°C to 125°C
The
wide
input
common
mode
voltage
range,
guaranteed 1 mV VOS and 3.5 µV/°C TCVOS enables
2 Applications
accurate and stable measurement for both high-side
and low-side current sensing.
•
Wireless Remote Sensors
•
Powerline Monitoring
EMI protection was designed into the device to
reduce sensitivity to unwanted RF signals from cell
•
Power Meters
phones or other RFID readers.
•
Battery Powered Industrial Sensors
The LPV521 is offered in the 5-pin SC70 package.
•
Micropower Oxygen sensor and Gas Sensor
•
Active RFID Readers
Device Information(1)
•
Zigbee Based Sensors for HVAC Control
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
Sensor Network Powered by Energy Scavenging
LPV521
SC70 (5)
2.00 mm x 1.25 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Nanopower Supply Current
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LPV521

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LPV521 NSC-LPV521 Datasheet
1Mb / 22P
Nanopower, 1.8V, RRIO, CMOS Input, Operational Amplifier
logo
Texas Instruments
LPV521 TI-LPV521 Datasheet
1Mb / 29P
LPV521 Nanopower, 1.8V, RRIO, CMOS Input, Operational Amplifier
LPV521 TI1-LPV521 Datasheet
1Mb / 33P
RRIO, CMOS Input, Operational Amplifier
LPV521 TI1-LPV521 Datasheet
1Mb / 36P
LPV521 NanoPower, 1.8V, RRIO, CMOS Input, Operational Amplifier
JULY 2024
logo
National Semiconductor ...
LPV521MG NSC-LPV521MG Datasheet
1Mb / 22P
Nanopower, 1.8V, RRIO, CMOS Input, Operational Amplifier
More results

Similar Description - LPV521

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LPV521 NSC-LPV521 Datasheet
1Mb / 22P
Nanopower, 1.8V, RRIO, CMOS Input, Operational Amplifier
logo
Texas Instruments
OPA313 TI-OPA313 Datasheet
2Mb / 36P
1-MHz, Micro-Power, Low-Noise, RRIO,1.8-V CMOS OPERATIONAL AMPLIFIER
LPV521MGX TI-LPV521MGX Datasheet
1Mb / 29P
LPV521 Nanopower, 1.8V, RRIO, CMOS Input, Operational Amplifier
LPV542 TI-LPV542 Datasheet
1Mb / 29P
LPV542 Dual Nanopower 1.8 V, 490nA, RRIO CMOS Operational Amplifier
LPV521 TI-LPV521_15 Datasheet
1Mb / 33P
LPV521 NanoPower, 1.8-V, RRIO, CMOS Input, Operational Amplifier
LPV521 TI1-LPV521 Datasheet
1Mb / 33P
RRIO, CMOS Input, Operational Amplifier
LPV542 TI1-LPV542 Datasheet
1Mb / 29P
RRIO CMOS Operational Amplifier
OPA2314-Q1 TI1-OPA2314-Q1 Datasheet
1Mb / 28P
3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
TLV522 TI1-TLV522 Datasheet
1Mb / 22P
TLV522 Dual Nanopower, 500nA, RRIO CMOS Operational Amplifier
TLV521 TI1-TLV521 Datasheet
1Mb / 27P
TLV521 NanoPower, 350nA, RRIO, CMOS Input, Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com