Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1013AMFKB Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LT1013AMFKB
Description  Dual Precision Operational Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LT1013AMFKB Datasheet(HTML) 17 Page - Texas Instruments

Back Button LT1013AMFKB Datasheet HTML 13Page - Texas Instruments LT1013AMFKB Datasheet HTML 14Page - Texas Instruments LT1013AMFKB Datasheet HTML 15Page - Texas Instruments LT1013AMFKB Datasheet HTML 16Page - Texas Instruments LT1013AMFKB Datasheet HTML 17Page - Texas Instruments LT1013AMFKB Datasheet HTML 18Page - Texas Instruments LT1013AMFKB Datasheet HTML 19Page - Texas Instruments LT1013AMFKB Datasheet HTML 20Page - Texas Instruments LT1013AMFKB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
OUT
600
Ω
J1
800
Ω
VCC−
VCC+
IN−
IN+
30
42 k
Ω
Ω
Q40
Q39
Q41
Q38
14 k
Ω
Q37
Q35
3.9 k
Ω
75 pF
5 k
Ω
5 k
Ω
2 k
Ω
1.3 k
Ω
2 k
Ω
Q24
Q23
Q34
21 pF
2.5 pF
2.4 k
Ω
18
Ω
Q26
Q33
Q25
Q30
Q32
Q15
Q14
Q16
Q13
Q6
Q5
9 k
Ω
9 k
Ω
1.6 k
Ω
1.6 k
Ω
1.6 k
Ω
100
Ω
1 k
Ω
Q3
Q4
400
Ω
400
Ω
Q1
Q21
Q22
Q2
Q12
Q29
Q11
Q9
Q7
Q8
10 pF
Q10
Q18
Q19
2 k
Ω
10 pF
Q27
Q28
4 pF
Q31
Q17
Q36
Q20
Component values are nominal.
Copyright © 2016, Texas Instruments Incorporated
17
LT1013, LT1013D, LT1013M, LT1013AM
www.ti.com
SLOS018I – MAY 1988 – REVISED JULY 2016
Product Folder Links: LT1013 LT1013D LT1013M LT1013AM
Submit Documentation Feedback
Copyright © 1988–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The LT1013x device is a dual operational amplifier with low natural VIO without programming memory that can be
erased. There are no side effects from active VIO correction used by other op amps. The LT1013x has built-in
protection for input voltage below VCC–. However, an external resistance must be add to protect the LT1013x
from input voltage greater than VCC+.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Input Resistors
For voltages less than VCC–, a pair of 400-Ω resistors limit input current. These resistors have parasitic diodes to
VCC+. Therefore, external series resistance is needed if input voltage exceed VCC+
7.3.2 Output Stage
High output is provided by Q33 emitter for low output impedance. Q26 provides active current limiting for
sourcing current.
Low output is provided by Q34 collector for lower output voltage near VCC– rail. Q24 provides active current
limiting for sinking current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com