Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1013AMFKB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LT1013AMFKB
Description  Dual Precision Operational Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LT1013AMFKB Datasheet(HTML) 1 Page - Texas Instruments

  LT1013AMFKB Datasheet HTML 1Page - Texas Instruments LT1013AMFKB Datasheet HTML 2Page - Texas Instruments LT1013AMFKB Datasheet HTML 3Page - Texas Instruments LT1013AMFKB Datasheet HTML 4Page - Texas Instruments LT1013AMFKB Datasheet HTML 5Page - Texas Instruments LT1013AMFKB Datasheet HTML 6Page - Texas Instruments LT1013AMFKB Datasheet HTML 7Page - Texas Instruments LT1013AMFKB Datasheet HTML 8Page - Texas Instruments LT1013AMFKB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
IN+
IN−
OUT
+
−
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LT1013, LT1013D, LT1013M, LT1013AM
SLOS018I – MAY 1988 – REVISED JULY 2016
LT1013x Dual Precision Operational Amplifier
1
1 Features
1
•
Single-Supply Operation
–
Input Voltage Range Extends to Ground
–
Output Swings to Ground While Sinking
Current
•
Phase Reversal Protection
•
Input Offset Voltage
–
150 µV Maximum at 25°C for LT1013AM
•
Offset-Voltage Temperature Coefficient
–
2 µV/°C Maximum for LT1013AM
•
Input Offset Current
–
0.8 nA Maximum at 25°C for LT1013AM
•
High Gain
–
1.5 V/µV Minimum (RL = 2 kΩ) for LT1013AM
–
0.8 V/µV Minimum (RL = 600 kΩ) for
LT1013AM
•
Low Supply Current
–
0.5 mA Maximum at TA = 25°C for LT1013AM
•
Low Peak-to-Peak Noise Voltage
–
0.55 µV Typical
•
Low Current Noise
–
0.07 pA/
√Hz Typical
•
For Die Only Option, See LT1013-DIE
2 Applications
•
Thermocouple Amplifiers
•
Low-Side Current Measurement
•
Instrumentation Amplifiers
3 Description
The LT1013x devices are dual precision operational
amplifiers, featuring high gain, low supply current, low
noise, and low-offset-voltage temperature coefficient.
The LT1013x devices can be operated from a single
5-V power supply; the common-mode input voltage
range includes ground, and the output can also swing
to within a few millivolts of ground. Crossover
distortion is eliminated. The LT1013x can be operated
with both dual ± 15-V and single 5-V supplies.
The LT1013C and LT1013D are characterized for
operation from 0°C to 70°C. The LT1013DI is
characterized for operation from
−40°C to 105°C. The
LT1013M,
LT1013AM,
and
LT1013DM
are
characterized for operation over the full military
temperature range of
−55°C to 125°C.
Device Information(1)
PART NUMBER
PACKAGE (PINS)
BODY SIZE (NOM)
LT1013D
LT1013DD
SOIC (8)
4.90 mm × 3.91 mm
LT1013P
LT1013DP
PDIP (8)
9.81 mm × 6.35 mm
LT1013MFK
LT1013AMFK
LCCC (20)
8.89 mm × 8.89 mm
LT1013MJG
LT1013AMJG
CDIP (8)
9.60 mm × 6.67 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Symbol (Each Amplifier)


Similar Part No. - LT1013AMFKB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LT1013AMFKB TI-LT1013AMFKB Datasheet
546Kb / 30P
DUAL PRECISION OPERATIONAL AMPLIFIERS
LT1013AMFKB TI-LT1013AMFKB Datasheet
595Kb / 33P
DUAL PRECISION OPERATIONAL AMPLIFIERS
More results

Similar Description - LT1013AMFKB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6082 NSC-LMC6082 Datasheet
322Kb / 12P
Precision CMOS Dual Operational Amplifier
logo
Analog Devices
OP-285 AD-OP-285 Datasheet
577Kb / 16P
DUAL, 9MHz PRECISION OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1002 LINER-LT1002 Datasheet
344Kb / 16P
Dual, Matched Precision Operational Amplifier
RH1013M LINER-RH1013M Datasheet
197Kb / 8P
Dual Precision Operational Amplifier
logo
Burr-Brown (TI)
OPA2107 BURR-BROWN-OPA2107 Datasheet
685Kb / 11P
Precision Dual Difet Operational Amplifier
logo
STMicroelectronics
TS512 STMICROELECTRONICS-TS512_08 Datasheet
216Kb / 16P
Precision dual operational amplifier
05-May-2008
logo
New Japan Radio
NJM2739 NJRC-NJM2739 Datasheet
1Mb / 17P
Dual Precision Operational Amplifier
logo
Linear Technology
LT1002 LINER-LT1002_15 Datasheet
189Kb / 16P
Dual, Matched Precision Operational Amplifier
RH1013M LINER-RH1013M_15 Datasheet
119Kb / 6P
Dual Precision Operational Amplifier
logo
Texas Instruments
LT1013 TI1-LT1013 Datasheet
114Kb / 6P
Dual Precision Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com