Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1013AMFKB Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LT1013AMFKB
Description  Dual Precision Operational Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LT1013AMFKB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LT1013AMFKB Datasheet HTML 8Page - Texas Instruments LT1013AMFKB Datasheet HTML 9Page - Texas Instruments LT1013AMFKB Datasheet HTML 10Page - Texas Instruments LT1013AMFKB Datasheet HTML 11Page - Texas Instruments LT1013AMFKB Datasheet HTML 12Page - Texas Instruments LT1013AMFKB Datasheet HTML 13Page - Texas Instruments LT1013AMFKB Datasheet HTML 14Page - Texas Instruments LT1013AMFKB Datasheet HTML 15Page - Texas Instruments LT1013AMFKB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
|V CC±| − Supply Voltage − V
10 k
1 k
3 k
30 k 100 k 300 k
1 M
3 M
10 M
0.01
0.1
1
10
RS
RS
−
+
VCC+ = 5 V, VCC− = 0
TA = −55°C to 125°C
VCC+ = 5 V
VCC− = 0
TA = 25°C
VCC± = ± 15V
TA = 25°C
VCC± = ±15 V
TA = −55°C to 125°C
TA − Free-Air Temperature − °C
200
125
100
75
50
25
0
150
100
50
0
−50
−100
−150
−200
−250
−50
−25
VCC± = ±15 V
250
12
LT1013, LT1013D, LT1013M, LT1013AM
SLOS018I – MAY 1988 – REVISED JULY 2016
www.ti.com
Product Folder Links: LT1013 LT1013D LT1013M LT1013AM
Submit Documentation Feedback
Copyright © 1988–2016, Texas Instruments Incorporated
6.18 Typical Characteristics
Table 1. Table of Graphs
FIGURE
VIO
Input offset voltage
vs Input Resistance
Figure 1
vs Temperature
Figure 2
ΔVIO
Change in input offset voltage
vs Time
Figure 3
IIO
Input offset current
vs Temperature
Figure 4
IIB
Input bias current
vs Temperature
Figure 5
VIC
Common-mode input voltage
vs Input bias current
Figure 6
AVD
Differential voltage amplification
vs Load resistance
Figure 7, Figure 8
vs Frequency
Figure 9, Figure 10
Channel separation
vs Frequency
Figure 11
Output saturation voltage
vs Temperature
Figure 12
CMRR
Common-mode rejection ratio
vs Frequency
Figure 13
kSVR
Supply-voltage rejection ratio
vs Frequency
Figure 14
ICC
Supply current
vs Temperature
Figure 15
IOS
Short-circuit output current
vs Time
Figure 16
Vn
Equivalent input noise voltage
vs Frequency
Figure 17
In
Equivalent input noise current
vs Frequency
Figure 17
VN(PP)
Peak-to-peak input noise voltage
vs Time
Figure 18
Pulse response
Small signal
Figure 19, Figure 21
Large signal
Figure 20, Figure 22, Figure 23
Phase shift
vs Frequency
Figure 9
Figure 1. Input Offset Voltage vs Input Resistance
Figure 2. Input Offset Voltage of Representative Units vs
Free-Air Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com