Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD54HC151 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC151
Description  High-Speed CMOS Logic 8-Input Multiplexer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC151 Datasheet(HTML) 4 Page - Texas Instruments

  CD54HC151 Datasheet HTML 1Page - Texas Instruments CD54HC151 Datasheet HTML 2Page - Texas Instruments CD54HC151 Datasheet HTML 3Page - Texas Instruments CD54HC151 Datasheet HTML 4Page - Texas Instruments CD54HC151 Datasheet HTML 5Page - Texas Instruments CD54HC151 Datasheet HTML 6Page - Texas Instruments CD54HC151 Datasheet HTML 7Page - Texas Instruments CD54HC151 Datasheet HTML 8Page - Texas Instruments CD54HC151 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
HCT TYPES
High Level Input
Voltage
VIH
-
-
4.5 to
5.5
2-
-
2
-
2
-
V
Low Level Input
Voltage
VIL
-
-
4.5 to
5.5
-
-
0.8
-
0.8
-
0.8
V
High Level Output
Voltage
CMOS Loads
VOH
VIH or VIL
-0.02
4.5
4.4
-
-
4.4
-
4.4
-
V
High Level Output
Voltage
TTL Loads
-4
4.5
3.98
-
-
3.84
-
3.7
-
V
Low Level Output
Voltage
CMOS Loads
VOL
VIH or VIL
0.02
4.5
-
-
0.1
-
0.1
-
0.1
V
Low Level Output
Voltage
TTL Loads
4
4.5
-
-
0.26
-
0.33
-
0.4
V
Input Leakage
Current
II
VCC and
GND
0
5.5
-
±0.1
-
±1-
±1
µA
Quiescent Device
Current
ICC
VCC or
GND
0
5.5
-
-
8
-
80
-
160
µA
Additional Quiescent
Device Current Per
Input Pin: 1 Unit Load
∆ICC
(Note 2)
VCC
-2.1
-
4.5 to
5.5
-
100
360
-
450
-
490
µA
NOTE:
2. For dual-supply systems theoretical worst case (VI = 2.4V, VCC = 5.5V) specification is 1.8mA.
DC Electrical Specifications (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO 85oC -55oC TO 125oC
UNITS
VI (V)
IO (mA)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HCT Input Loading Table
INPUT
UNIT LOADS
Select
1.5
Data
0.45
Enable
0.3
NOTE: Unit Load is
∆ICC limit specified in DC Electrical Table, e.g.,
360
µA max at 25oC.
Switching Specifications Input tr, tf = 6ns
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO
85oC
-55oC TO
125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
Propagation Delay (Figure 1)
tPLH, tPHL CL = 50pF
2
-
-
170
-
215
-
255
ns
Any Data Input to Y
4.5
-
-
34
-
43
-
51
ns
CL =15pF
5
-
14
-
-
-
-
-
ns
CL = 50pF
6
-
-
29
-
37
-
43
ns
CD54HC151, CD74HC151, CD54HCT151, CD74HCT151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com