Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD54HC151 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC151
Description  High-Speed CMOS Logic 8-Input Multiplexer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC151 Datasheet(HTML) 1 Page - Texas Instruments

  CD54HC151 Datasheet HTML 1Page - Texas Instruments CD54HC151 Datasheet HTML 2Page - Texas Instruments CD54HC151 Datasheet HTML 3Page - Texas Instruments CD54HC151 Datasheet HTML 4Page - Texas Instruments CD54HC151 Datasheet HTML 5Page - Texas Instruments CD54HC151 Datasheet HTML 6Page - Texas Instruments CD54HC151 Datasheet HTML 7Page - Texas Instruments CD54HC151 Datasheet HTML 8Page - Texas Instruments CD54HC151 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS150C
Features
• Complementary Data Outputs
• Buffered Inputs and Outputs
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• Alternate Source is Philips/Signetics
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30%of VCC at
VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Description
The ’HC151 and ’HCT151 are single 8-channel digital
multiplexers having three binary control inputs, S0, S1 and
S2 and an active low enable (E) input. The three binary
signals select 1 of 8 channels. Outputs are both inverting (Y)
and non-inverting (Y).
Pinout
CD54HC151, CD54HCT151
(CERDIP)
CD74HC151, CD74HCT151
(PDIP, SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE (oC)
PACKAGE
CD54HC151F3A
-55 to 125
16 Ld CERDIP
CD54HCT151F3A
-55 to 125
16 Ld CERDIP
CD74HC151E
-55 to 125
16 Ld PDIP
CD74HC151M
-55 to 125
16 Ld SOIC
CD74HC151MT
-55 to 125
16 Ld SOIC
CD74HC151M96
-55 to 125
16 Ld SOIC
CD74HCT151E
-55 to 125
16 Ld PDIP
CD74HCT151M
-55 to 125
16 Ld SOIC
CD74HCT151MT
-55 to 125
16 Ld SOIC
CD74HCT151M96
-55 to 125
16 Ld SOIC
NOTE: When ordering, use the entire part number. The suffix 96
denotes tape and reel. The suffix T denotes a small-quantity reel
of 250.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
I3
I2
I1
I0
Y
Y
GND
E
VCC
I5
I6
I7
S0
S1
S2
I4
September 1997 - Revised October 2003
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
CD54HC151, CD74HC151,
CD54HCT151, CD74HCT151
High-Speed CMOS Logic
8-Input Multiplexer
[ /Title
(CD74H
C151,
CD74H
CT151)
/Subject
(High
Speed
CMOS
Logic 8-
Input
Multi-


Similar Part No. - CD54HC151

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC151 TI-CD54HC151 Datasheet
411Kb / 14P
High-Speed CMOS Logic 8-Input Multiplexer
CD54HC151 TI2-CD54HC151 Datasheet
909Kb / 20P
CDx4HC151, CDx4HCT151 High-Speed CMOS Logic 8-Input Multiplexer
REVISED NOVEMBER 2021
CD54HC151F3A TI-CD54HC151F3A Datasheet
411Kb / 14P
High-Speed CMOS Logic 8-Input Multiplexer
CD54HC151F3A TI2-CD54HC151F3A Datasheet
909Kb / 20P
CDx4HC151, CDx4HCT151 High-Speed CMOS Logic 8-Input Multiplexer
REVISED NOVEMBER 2021
CD54HC151F3A.A TI2-CD54HC151F3A.A Datasheet
909Kb / 20P
CDx4HC151, CDx4HCT151 High-Speed CMOS Logic 8-Input Multiplexer
REVISED NOVEMBER 2021
More results

Similar Description - CD54HC151

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54-74HC354 TI-CD54-74HC354 Datasheet
304Kb / 11P
HIGH-SPEED CMOS LOGIC(8-INPUT MULTIPLEXER/REGISTER, 3-STATE)
CD74HC151 TI-CD74HC151 Datasheet
42Kb / 7P
High Speed CMOS Logic 8-Input Multiplexer
CD74HC153 TI-CD74HC153 Datasheet
40Kb / 6P
High Speed CMOS Logic Dual 4-Input Multiplexer
CD74HC251 TI-CD74HC251 Datasheet
37Kb / 7P
High Speed CMOS Logic 8-Input Multiplexer; Three-State
CD74HCT356 TI-CD74HCT356 Datasheet
235Kb / 8P
High-Speed CMOS Logic 8-Input Multiplexer/Register, Three-State
CD54HCT251 TI-CD54HCT251 Datasheet
271Kb / 11P
High-Speed CMOS Logic 8-Input Multiplexer, Three-State
CD54HC151 TI-CD54HC151_07 Datasheet
411Kb / 14P
High-Speed CMOS Logic 8-Input Multiplexer
CD74HC253M TI1-CD74HC253M Datasheet
397Kb / 14P
High-Speed CMOS Logic Dual 4-Input Multiplexer
CD74HC253M TI-CD74HC253M Datasheet
388Kb / 14P
High-Speed CMOS Logic Dual 4-Input Multiplexer
CD54HC251 TI1-CD54HC251_14 Datasheet
463Kb / 16P
High-Speed CMOS Logic 8-Input Multiplexer, Three-State
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com