Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD54HC151 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC151
Description  High-Speed CMOS Logic 8-Input Multiplexer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC151 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD54HC151 Datasheet HTML 2Page - Texas Instruments CD54HC151 Datasheet HTML 3Page - Texas Instruments CD54HC151 Datasheet HTML 4Page - Texas Instruments CD54HC151 Datasheet HTML 5Page - Texas Instruments CD54HC151 Datasheet HTML 6Page - Texas Instruments CD54HC151 Datasheet HTML 7Page - Texas Instruments CD54HC151 Datasheet HTML 8Page - Texas Instruments CD54HC151 Datasheet HTML 9Page - Texas Instruments CD54HC151 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Enable to YCL = 50pF CL = 50pF
4.5
-
-
36
-
46
-
54
ns
CL =15pF CL =15pF
5
15
-
-
-
-
-
-
ns
Output Transition Time
tTLH, tTHL CL = 50pF
4.5
-
-
15
-
19
-
22
ns
Input Capacitance
CIN
-
-
-
-
10
-
10
-
10
pF
Power Dissipation Capacitance
(Notes 3, 4)
CPD
-
5
58
-----
pF
NOTES:
3. CPD is used to determine the dynamic power consumption, per gate.
4. PD = VCC
2 f
i (CPD + CL) where fi = input frequency, CL = output load capacitance, VCC = supply voltage.
Switching Specifications Input tr, tf = 6ns (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO
85oC
-55oC TO
125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
Test Circuit and Waveform
FIGURE 1.
ENABLE
SELECT
In
Y OUTPUT
tPHL
tPLH
Y OUTPUT
INPUT LEVEL
GND
VS
tTLH
tTHL
tPHL
tPLH
10%
90%
VS
tf = 6ns
tr = 6ns
tTLH
tTHL
10%
90%
VS
CD54HC151, CD74HC151, CD54HCT151, CD74HCT151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com