Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8552TLE/NOPB Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # LP8552TLE/NOPB
Description  LP8552 High-Efficiency LED Backlight Driver For Notebooks
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8552TLE/NOPB Datasheet(HTML) 35 Page - Texas Instruments

Back Button LP8552TLE/NOPB Datasheet HTML 31Page - Texas Instruments LP8552TLE/NOPB Datasheet HTML 32Page - Texas Instruments LP8552TLE/NOPB Datasheet HTML 33Page - Texas Instruments LP8552TLE/NOPB Datasheet HTML 34Page - Texas Instruments LP8552TLE/NOPB Datasheet HTML 35Page - Texas Instruments LP8552TLE/NOPB Datasheet HTML 36Page - Texas Instruments LP8552TLE/NOPB Datasheet HTML 37Page - Texas Instruments LP8552TLE/NOPB Datasheet HTML 38Page - Texas Instruments LP8552TLE/NOPB Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 49 page
background image
LP8552
www.ti.com
SNVS693E – SEPTEMBER 2011 – REVISED SEPTEMBER 2014
8.6.2.8 EEPROM Address 7
Address A7h
EEPROM ADDRESS 7 REGISTER
7
6
5
4
3
2
1
0
PLL[4:0]
EN_F_RES
HYSTERESIS[1:0]
Name
Bit
Access
Description
PLL
7:3
R/W
13-bit counter value for PLL, 5 LSB bits. PLL[12:0] bits are used when en_vsync = 1. See
Table 8 below for PLL value calculation.
EN_F_RES
2
R/W
Enable PWM output frequency set resistor
0 = Resistor is disabled and PWM output frequency is set with PWM_FREQ EEPROM
register bits
1 = PWM frequency set resistor is enabled. RFSET defines the output PWM frequency. See
table in PWM Frequency Setting for full description of the PWM frequencies.
HYSTERESIS
1:0
R/W
PWM input hysteresis function. Will define how small changes in the PWM input are
ignored to remove constant switching between two values.
00 = OFF
01 = 1-bit hysteresis with 11-bit resolution
10 = 1-bit hysteresis with 10-bit resolution
11 = 1-bit hysteresis with 8-bit resolution
Table 8. PLL Value Calculation
en_vsync
PLL FREQUENCY [MHz]
PLL[12:0]
0
5, 10, 20, 40
not used
5
5 MHz / (26 x fVSYNC)
10
10 MHz / (50 x fVSYNC)
1
20
20 MHz / (98 x fVSYNC)
40
40 MHz / (196 x fVSYNC)
PLL frequency is set by PWM_RESOLUTION[1:0] bits.
For example:
If fPLL = 5 MHz and fVSYNC = 60 Hz, then PLL[12:0] = 5000000 Hz / (26 * 60 Hz) = 3205d = C85h.
If fPLL = 10 MHz and fVSYNC = 75 Hz, then PLL[12:0] = 10000000 Hz / (50 * 75 Hz) = 2667d = A6Bh.
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Links: LP8552



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com