Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8552TLE/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LP8552TLE/NOPB
Description  LP8552 High-Efficiency LED Backlight Driver For Notebooks
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8552TLE/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP8552TLE/NOPB Datasheet HTML 3Page - Texas Instruments LP8552TLE/NOPB Datasheet HTML 4Page - Texas Instruments LP8552TLE/NOPB Datasheet HTML 5Page - Texas Instruments LP8552TLE/NOPB Datasheet HTML 6Page - Texas Instruments LP8552TLE/NOPB Datasheet HTML 7Page - Texas Instruments LP8552TLE/NOPB Datasheet HTML 8Page - Texas Instruments LP8552TLE/NOPB Datasheet HTML 9Page - Texas Instruments LP8552TLE/NOPB Datasheet HTML 10Page - Texas Instruments LP8552TLE/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
LP8552
www.ti.com
SNVS693E – SEPTEMBER 2011 – REVISED SEPTEMBER 2014
7.7
LED Driver Electrical Characteristics
Limits are for TA = 25°C (unless otherwise specified); VIN = 12 V, VDDIO = 2.8 V, CVLDO = 1 μF, L1 = 15 μH, CIN = 10 μF, COUT
= 10
μF. RISET = 16 kΩ, unless otherwise specified.
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ILEAKAGE
Leakage current
Outputs OUT1 to OUT6, VOUT = 40 V
0.1
1
μA
EN_I_RES = 0, CURRENT[7:0] = FFh
30
Maximum source current OUT1 to
IMAX
mA
OUT6
EN_I_RES = 1, CURRENT[7:0] = FFh
50
Output current set to 23 mA, EN_I_RES
–3%
3%
IOUT
Output current accuracy (2)
= 1
-4%(3)
4%(3)
Output current set to 23 mA, EN_I_RES
IMATCH
Matching(2)
0.5%
= 1
fLED = 5 kHz, fPLL = 5 MHz
10
fLED = 10 kHz, fPLL = 5 MHz
9
fLED = 20 kHz, fPLL = 5 MHz
8
PWMRES
PWM output resolution (4)
bits
fLED = 5 kHz, fPLL = 40 MHz
13
fLED = 10 kHz, fPLL = 40 MHz
12
fLED = 20 kHz, fPLL = 40 MHz
11
PWM_FREQ[4:0] = 00000b
600
PLL clock 5 MHz
fLED
LED switching frequency(4)
Hz
PWM_FREQ[4:0] = 11111b
19.2k
PLL clock 5 MHz
Output current set to 20 mA
105
220(3)
VSAT
Saturation voltage(5)
mV
Output current set to 30 mA
160
290(3)
(1)
Low-ESR Surface-Mount Ceramic Capacitors (MLCCs) used in setting electrical characteristics.
(2)
Output Current Accuracy is the difference between the actual value of the output current and programmed value of this current.
Matching is the maximum difference from the average. For the constant current sinks on the part (OUT1 to OUT6), the following are
determined: the maximum output current (MAX), the minimum output current (MIN), and the average output current of all outputs (AVG).
Two matching numbers are calculated: (MAX-AVG)/AVG and (AVG-MIN/AVG). The largest number of the two (worst case) is
considered the matching figure. The typical specification provided is the most likely norm of the matching figure for all parts. Note that
some manufacturers have different definitions in use.
(3)
Limits apply over the full operating ambient temperature range (–30°C
≤ TA ≤ 85°C).
(4)
PWM output resolution and frequency depend on the PLL settings. Please see PWM Frequency Setting section for full description.
(5)
Saturation voltage is defined as the voltage when the LED current has dropped 10% from the value measured at 1 V.
7.8
PWM Interface Characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fPWM
PWM frequency range
0.1
25
kHz
tMIN_ON
Minimum pulse ON time
1
μs
tMIN_OFF
Minimum pulse OFF time
1
Turnon delay from standby to
PWM input active, EN pin rise from low to
tSTARTUP
6
ms
backlight on
high
PWM input low time for turn off, slope
TSTBY
Turn off delay
50
ms
disabled
fIN < 9 kHz
10
fIN < 4.5 kHz
11
PWMRES
PWM input resolution
bits
fIN < 2.2 kHz
12
fIN < 1.1 kHz
13
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LP8552



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com