Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8552TLE/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LP8552TLE/NOPB
Description  LP8552 High-Efficiency LED Backlight Driver For Notebooks
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8552TLE/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP8552TLE/NOPB Datasheet HTML 8Page - Texas Instruments LP8552TLE/NOPB Datasheet HTML 9Page - Texas Instruments LP8552TLE/NOPB Datasheet HTML 10Page - Texas Instruments LP8552TLE/NOPB Datasheet HTML 11Page - Texas Instruments LP8552TLE/NOPB Datasheet HTML 12Page - Texas Instruments LP8552TLE/NOPB Datasheet HTML 13Page - Texas Instruments LP8552TLE/NOPB Datasheet HTML 14Page - Texas Instruments LP8552TLE/NOPB Datasheet HTML 15Page - Texas Instruments LP8552TLE/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 49 page
background image
BOOST
LED
DRIVERS
LOGIC
EEPROM
I
2
C /
INTERFACE
LDO
OSC
TSD
PWM
DETECTOR
SW
FB
VLDO
GND
GND_SW
GND_LED
EN
PWM
VDDIO
SCLK
SDA
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
PLL
FAULT
VIN
TEMP
SENSOR
MCU
VIN
FILTER
VSYNC
VSYNC
ISET
FSET
RISET
RFSET
LP8552
SNVS693E – SEPTEMBER 2011 – REVISED SEPTEMBER 2014
www.ti.com
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Clock Generation
The LP8552 has an internal 5-MHz oscillator which is used for clocking the boost converter, state machine, PWM
input duty cycle measurement, internal timings such as slope time for output brightness changes.
The internal clock can be used for generating the PWM output frequency. In this case the 5-MHz clock can be
multiplied with the internal PLL to achieve higher resolution. The higher the clock frequency for PWM generation
block, the higher the resolution; however, the tradeoff is higher IQ of the part. Clock multiplication is set with
<PWM_RESOLUTION[1:0]> EEPROM Bits.
The PLL can also be used for generating the required PWM generation clock from the VSYNC signal. This
makes sure that the LED output PWM is always synchronized to the VSYNC signal and there is no clock variation
between LCD display video update and the LED backlight output frequency. Also HSYNC signal up to 55 kHz can
be used.
PLL has an internal counter which has 13-bit control <PLL[12:0]> to achieve correct output clock frequency
based on the VSYNC frequency.
For the PLL it can take couple of seconds to synchronize the VSYNC signal to 60 Hz in start-up before the
correct PWM clock frequency is generated from internal oscillator. FILTER pin component selection affects the
time it takes from the PLL to lock to VSYNC signal.
Special logic is implemented for allowing steady clock frequency even if there are missing VSYNC pulses. In case
pulses are randomly left out, the LP8552 can generate the pulses internally while keeping the same PWM output
frequency. When VSYNC pulses are available again, the internal logic will automatically switch to the external
VSYNC clock without glitch.
12
Submit Documentation Feedback
Copyright © 2011–2014, Texas Instruments Incorporated
Product Folder Links: LP8552



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com