Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8720 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LP8720
Description  LP8720 One Step-Down DC-DC and Five Linear Regulators with I2C-Compatible Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8720 Datasheet(HTML) 2 Page - Texas Instruments

  LP8720 Datasheet HTML 1Page - Texas Instruments LP8720 Datasheet HTML 2Page - Texas Instruments LP8720 Datasheet HTML 3Page - Texas Instruments LP8720 Datasheet HTML 4Page - Texas Instruments LP8720 Datasheet HTML 5Page - Texas Instruments LP8720 Datasheet HTML 6Page - Texas Instruments LP8720 Datasheet HTML 7Page - Texas Instruments LP8720 Datasheet HTML 8Page - Texas Instruments LP8720 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
VBATT
LDO2
VIN1
LDO3
LDO1
IRQ_N
DEFSEL
GND
SDA
SCL
IDSEL
LDO4
GNDB
DVS
FB
VIN2
VINB
SW
EN
LDO5
4
3
2
1
A
B
C
D
E
LP8720
SNVS575B – JULY 2008 – REVISED MAY 2013
www.ti.com
Device Pin Diagram (20-Bump DSBGA)
Top View
Figure 1. Package Number YZR002011A
LP8720 PIN DESCRIPTIONS(1)
Pin Number
Name
Type
Description
A4
VBATT
P
Battery Input for LDO1 and all internal circuitry.
E4
VINB
P
Battery Input for Buck.
A2
VIN1
P
Battery Input for LDO2 and LDO3.
D1
VIN2
P
Battery Input for LDO4 and LDO5.
B4
LDO1
A
LDO1 Output.
A3
LDO2
A
LDO2 Output.
A1
LDO3
A
LDO3 Output.
C1
LDO4
A
LDO4 Output.
E1
LDO5
A
LDO5 Output.
E3
SW
A
Buck Output.
D2
FB
A
Buck Feedback.
D4
GNDB
G
Power Ground for Buck.
B1
GND
G
IC Ground.
C4
SDA
DI/O
I2C-compatible Serial Interface Data Input/Output. Open Drain output, external pull up resistor is
needed, typ 1.5 k
Ω. If not in use then hard wire to GND.
C3
SCL
DI
I2C-compatible Serial Interface Clock input. External pull-up resistor is needed, typ 1.5 k
Ω. If not
in use then hard-wire to GND.
B3
IRQ_N
DO
Interrupt output, active LOW. Open Drain output, external pull-up resistor is needed, typ 10 k
Ω.
If not in use then hard-wire to GND or leave floating.
E2
EN
DI
Enable. EN=LO standby. EN=HI power on. Internal pull-down resistor 500 k
Ω.
If not in use then hard wire to VBATT.
B2
DEFSEL
DI
Control input that sets the default voltages and startup sequence. Must be hard wired to BATT
or GND or left floating (Hi-Z) for specific application.
When DEFSEL= VBATT then setup 1 is used for default voltages and startup sequence.
When DEFSEL= GND then setup 2 is used for default voltages and startup sequence.
When DEFSEL= floating (Hi-Z) setup 3 is used for default voltages and startup sequence.
C2
IDSEL
DI
Control input that sets the slave address for serial interface. Must be hard-wired to BATT or
GND or left floating (Hi-Z) for specific application.
When IDSEL= VBATT then slave address is 7h’7F.
When IDSEL= floating (Hi-Z) then slave address is 7h’7C.
When IDSEL= GND then slave address is 7h’7D.
(1)
A:Analog Pin D: Digital Pin I: Input Pin DI/O: Digital Input/Output Pin G:Ground Pin O: Output Pin P: Power Connection
2
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LP8720



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com