Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8720 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LP8720
Description  LP8720 One Step-Down DC-DC and Five Linear Regulators with I2C-Compatible Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8720 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP8720 Datasheet HTML 8Page - Texas Instruments LP8720 Datasheet HTML 9Page - Texas Instruments LP8720 Datasheet HTML 10Page - Texas Instruments LP8720 Datasheet HTML 11Page - Texas Instruments LP8720 Datasheet HTML 12Page - Texas Instruments LP8720 Datasheet HTML 13Page - Texas Instruments LP8720 Datasheet HTML 14Page - Texas Instruments LP8720 Datasheet HTML 15Page - Texas Instruments LP8720 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
C1
RFB1
RFB2
COUT
10 µF
2.2 µH
L1
SW
FB
LP8720
VOUT
LP8720
SNVS575B – JULY 2008 – REVISED MAY 2013
www.ti.com
Buck Converter (continued)
Unless otherwise noted, VVBATT = VVINB = VVIN1 = VVIN2 = 3.6V, GND = GNDB = 0V, CVBATT = CVIN1 = CVIN2 = 2.2 µF, CVINB = 10
µF. Typical values and limits appearing in normal type apply for TJ=25°C. Limits appearing in boldface type apply over the
entire junction temperature range for operation, TJ= -40 to +125°C
(1)(2)
Limit
Parameter
Test Conditions
Typ
Units
Min
Max
fOSC
Internal Oscillator Frequency
PWM Mode
1.9
2.1
2
MHz
1.7
2.3
Efficiency
IOUT = 5 mA, PFM-mode
88%
VOUT = 1.2V
(3)
IOUT = 200 mA, PWM-mode
90%
VOUT = 1.2V
(3)
TSTUP
Startup Time
IOUT = 0, VOUT = 1.2V
(3)
140
µs
Table 11. Buck Output Voltage Programming in Register 0x06 and 0x07
BUCK1_Vx
VOUT
BUCK1_Vx
VOUT
5h’00
External resistor divider
5h’10
1.55
5h’01
0.80
5h’11
1.60
5h’02
0.85
5h’12
1.65
5h’03
0.90
5h’13
1.70
5h’04
0.95
5h’14
1.75
5h’05
1.00
5h’15
1.80
5h’06
1.05
5h’16
1.85
5h’07
1.10
5h’17
1.90
5h’08
1.15
5h’18
1.95
5h’09
1.20
5h’19
2.00
5h’0A
1.25
5h’1A
2.05
5h’0B
1.30
5h’1B
2.10
5h’0C
1.35
5h’1C
2.15
5h’0D
1.40
5h’1D
2.20
5h’0E
1.45
5h’1E
2.25
5h’0F
1.50
5h’1F
2.30
Output Voltage Selection Using External Resistor Divider
Buck1 output voltage can be programmed via the selection of the external feedback resistor network.
VOUT will be adjusted to make the voltage at FB equal to 0.5V. The resistor from FB to ground RFB2 should be
around 200 k
Ω to keep the current drawn through the resistor network to a minimum but large enough that it is
not susceptible to noise. With RFB2= 200 kΩ and VFB at 0.5V, the current through the resistor feedback network
will be 2.5 µA.
12
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LP8720



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com