Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8720 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LP8720
Description  LP8720 One Step-Down DC-DC and Five Linear Regulators with I2C-Compatible Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8720 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP8720 Datasheet HTML 7Page - Texas Instruments LP8720 Datasheet HTML 8Page - Texas Instruments LP8720 Datasheet HTML 9Page - Texas Instruments LP8720 Datasheet HTML 10Page - Texas Instruments LP8720 Datasheet HTML 11Page - Texas Instruments LP8720 Datasheet HTML 12Page - Texas Instruments LP8720 Datasheet HTML 13Page - Texas Instruments LP8720 Datasheet HTML 14Page - Texas Instruments LP8720 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
LP8720
www.ti.com
SNVS575B – JULY 2008 – REVISED MAY 2013
Power-On Reset
(1)
Unless otherwise noted, VVBATT = VVINB = VVIN1 =VVIN2 = 3.6V, GND = GNDB = 0V, CVBATT =CVIN1= CVIN2=2.2 µF, CVINB = 10
µF. Typical values and limits appearing in normal type apply for TJ = 25°C. Limits appearing in boldface type apply over the
entire junction temperature range for operation, TJ= -40 to +125°C.
(1)
Limit
Parameter
Test Conditions
Typ
Units
Min
Max
VPOR_HI
POR higher threshold
VVBATT rising
2.2
2.0
2.4
V
VPOR_LO
POR lower threshold
VVBATT falling
(2)
1.4
V
(1)
All limits are specified. All electrical characteristics having room-temperature limits are tested during production with TJ = 25°C. All hot
and cold limits are ensured by correlating the electrical characteristics to process and temperature variations and applying statistical
process control.
(2)
Ensured by design.
Logic and Control
Unless otherwise noted, VVBATT = VVINB = VVIN1 = VVIN2 = 3.6V, GND=GNDB=0V, CVBATT =CVIN1= CVIN2 = 2.2 µF, CVINB = 10 µF.
Typical values and limits appearing in normal type apply for TJ=25°C. Limits appearing in boldface type apply over the entire
junction temperature range for operation, TJ= -40 to +125°C
(1)
Limit
Parameter
Test Conditions
Typ
Units
Min
Max
Logic and Control Inputs
VIL
Input Low Level
EN, SCL, SDA, DVS
0.4
V
VIH
Input High Level
EN, SCL, SDA, DVS
1.2
V
IIL
Input Current
All logic inputs
-5
+5
µA
RPD
Pull-Down Resistance
From EN to GND
550
300
900
k
Ω
Logic and Control Outputs
VOL
Output Low Level
IRQ_N, SDA, IOUT = 2 mA
0.4
V
VOH
Output High Level
IRQ_N, SDA are Open drain outputs.
NA
µA
(1)
All limits are specified. All electrical characteristics having room-temperature limits are tested during production with TJ = 25°C. All hot
and cold limits are ensured by correlating the electrical characteristics to process and temperature variations and applying statistical
process control.
Buck Converter
Unless otherwise noted, VVBATT = VVINB = VVIN1 = VVIN2 = 3.6V, GND = GNDB = 0V, CVBATT = CVIN1 = CVIN2 = 2.2 µF, CVINB = 10
µF. Typical values and limits appearing in normal type apply for TJ=25°C. Limits appearing in boldface type apply over the
entire junction temperature range for operation, TJ= -40 to +125°C
(1) (2)
Limit
Parameter
Test Conditions
Typ
Units
Min
Max
VFB
Feedback Voltage
3.0V
≤ VIN ≤ 4.5V external resistor divider
0.5
0.485
0.515
V
VBUCK
Output Voltage, PWM Mode
3.0V
≤ VIN ≤ 4.5V
1.2
1.164
1.236
V
VVOUT,PFM
Output Voltage regulation in
See(3)
PFM mode relative to
1.5%
regulation in PWM mode
VOUT
Line Regulation
3.0V
≤ VIN ≤ 4.5V
0.14
%/V
IOUT = 10 mA
VOUT
Load Regulation
100mA
≤ IOUT ≤ 300mA
0.09
%/mA
ILIM_PWM
Switch Peak Current Limit
PWM Mode @ 400 mA
900
500
mA
3.0V
≤ VIN ≤ 4.5V
RDSON(P)
P channel FET on resistance
VIN = 3.6V, ID = 100 mA
310
500
m
Ω
RDSON(N)
N channel FET on resistance
160
300
m
Ω
(1)
All limits are specified. All electrical characteristics having room-temperature limits are tested during production with TJ = 25°C. All hot
and cold limits are ensured by correlating the electrical characteristics to process and temperature variations and applying statistical
process control.
(2)
Ensured for output voltages no less than 1.0V
(3)
Ensured by design.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LP8720



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com