Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8725TLE-A/NOPB Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # LP8725TLE-A/NOPB
Description  LP8725 Power Management Unit for Application or Multimedia Processors and Subsystems
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8725TLE-A/NOPB Datasheet(HTML) 28 Page - Texas Instruments

Back Button LP8725TLE-A/NOPB Datasheet HTML 24Page - Texas Instruments LP8725TLE-A/NOPB Datasheet HTML 25Page - Texas Instruments LP8725TLE-A/NOPB Datasheet HTML 26Page - Texas Instruments LP8725TLE-A/NOPB Datasheet HTML 27Page - Texas Instruments LP8725TLE-A/NOPB Datasheet HTML 28Page - Texas Instruments LP8725TLE-A/NOPB Datasheet HTML 29Page - Texas Instruments LP8725TLE-A/NOPB Datasheet HTML 30Page - Texas Instruments LP8725TLE-A/NOPB Datasheet HTML 31Page - Texas Instruments LP8725TLE-A/NOPB Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
LP8725
SNVS618G – DECEMBER 2009 – REVISED MAY 2013
www.ti.com
Registers 0x01 - 0x08, 0x0A
Startup Delay Selection
LDO1_T[2:0]
000 - startup delay 0
LDO2_T[2:0]
001 - startup delay = 1 * time step ts
LDO3_T[2:0]
010 - startup delay = 2 * time step ts
LDO4_T[2:0]
011 - startup delay = 3 * time step ts
LDO5_T[2:0]
100 - startup delay = 4 * time step ts
LILO1_T[2:0]
101 - startup delay = 5 * time step ts
LILO2_T[2:0]
110 - startup delay = 6 * time step ts
BUCK1_T[2:0]
111 - NO startup
BUCK2_T[2:0]
For proper startup operation “NO startup” <111> should have the corresponding
enable bit in registers 0x00 & 0x0D set to 0 (disable)
Registers 0x09, 0x0B
Buck Current Limit Selection
BUCK1_CL[1:0]
00 - 460 mA peak (250 mA max IOUT)
BUCK2_CL[1:0]
01 - 780 mA peak (450 mA max IOUT)
10 - 1050 mA peak (600 mA max IOUT)
11 - 1370 mA peak (800 mA max IOUT)
Register 0x0C
PDN_BUCK1
Pull-down BUCK1/2:
PDN_BUCK2
1 - Pull down enabled
0 - Pull down disabled
PWM_BUCK1
1 - BUCK1/2 is forced to work in PWM mode
PWM_BUCK2
0 - BUCK1/2 works in automatic ECO/PWM selection mode
BK1_FLAG MASK
1 - Mask the BUCK OK flag
BK2_FLAG MASK
0 - No masking of BUCK OK flag
Register 0x0D
LDO Enable Control
LDO1_EN
In STANDBY mode:
In IDLE mode the bit has immediate effect.
LDO2_EN
1 - During next STARTUP sequence will be 1 - Enable
LDO3_EN
enabled.
0 - Disable
LDO4_EN
0 - During next startup sequence will be
LDO5_EN
NOT enabled.
LILO1_EN
LILO2_EN
LDO1_FLAG MASK
1- Mask the LDO1 OK flag
0 - No masking of LDO1 OK flag
Register 0x0E
Pull Down
PDNLDO1
LDO pull-down control
PDNLDO2
1 - Pull down enabled
PDNLDO3
0 - Pull down disabled
PDNLDO4
PDNLDO5
PDNLILO1
PDNLILO2
APU_TSD
This bit defines either to reset registers or not before the PMU automatically starts startup
sequence from Thermal Shutdown after cooling down if EN-pin is High.
1 - No change to registers - content stays the same as before Thermal Shutdown.
0 - If CONFIG = '1' Reset registers to default values before startup from Thermal
Shutdown.
28
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LP8725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com