Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8725TLE-A/NOPB Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # LP8725TLE-A/NOPB
Description  LP8725 Power Management Unit for Application or Multimedia Processors and Subsystems
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8725TLE-A/NOPB Datasheet(HTML) 33 Page - Texas Instruments

Back Button LP8725TLE-A/NOPB Datasheet HTML 29Page - Texas Instruments LP8725TLE-A/NOPB Datasheet HTML 30Page - Texas Instruments LP8725TLE-A/NOPB Datasheet HTML 31Page - Texas Instruments LP8725TLE-A/NOPB Datasheet HTML 32Page - Texas Instruments LP8725TLE-A/NOPB Datasheet HTML 33Page - Texas Instruments LP8725TLE-A/NOPB Datasheet HTML 34Page - Texas Instruments LP8725TLE-A/NOPB Datasheet HTML 35Page - Texas Instruments LP8725TLE-A/NOPB Datasheet HTML 36Page - Texas Instruments LP8725TLE-A/NOPB Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
VPP-RMS =
VPP-C
2
+ VPP-ESR
2
4 x f x C
VPP-C =
IRIPPLE
(Vin ± Vout) x Vout
L x f x Ioutmax x Vin
where
r =
+
IRMS = IOUTMAX x
x 1 -
VOUT
VIN
VOUT
VIN
r
2
12
LP8725
www.ti.com
SNVS618G – DECEMBER 2009 – REVISED MAY 2013
APPLICATION INFORMATION
Inductor Selection
DC bias current characteristics of inductors must be considered. Different manufacturers follow different
saturation current rating specifications, so attention must be given to details. DC bias curves should be requested
from them as part of the inductor selection process.
Minimum value of inductance to guarantee good performance is 0.5 µH at 1.5A (ILIM typ.) bias current
over the ambient temp range. The inductor’s DC resistance should be less than 0.1
Ω for good efficiency at
high current condition. The inductor AC loss (resistance) also affects conversion efficiency. Higher Q factor at
switching frequency usually gives better efficiency at light load to medium load instead. Table 13 lists suggested
inductors and suppliers.
Input Capacitor Selection
A ceramic input capacitor of 4.7
μF, 6.3V/10V is sufficient for most applications. Place the input capacitor as close
as possible to the VIN pin and GND pin of the device. A larger value or higher voltage rating may be used to
improve input voltage filtering. Use X7R, X5R or B types, do not use Y5V or F.
Minimum input capacitance to guarantee good performance is 4.7 µF at maximum input voltage DC bias
including tolerances and over ambient temp range. The input filter capacitor supplies current to the PFET
(high-side) switch in the first half of each cycle and reduces voltage ripple imposed on the input power source. A
ceramic capacitor's low ESR provides the best noise filtering of the input voltage spikes due to this rapidly
changing current. Select an input filter capacitor with sufficient ripple current rating. The input current ripple can
be calculated as:
(1)
(2)
Output Capacitor Selection
Use a 4.7
μF, 6.3V ceramic capacitor, X7R, X5R or B types, do not use Y5V or F. DC bias voltage characteristics
of ceramic capacitors must be considered. DC bias characteristics vary from manufacturer to manufacturer and
DC bias curves should be requested from them as part of the capacitor selection process. The output filter
capacitor smooths out current flow from the inductor to the load, helps maintain a steady output voltage during
transient load changes and reduces output voltage ripple. These capacitors must be selected with sufficient
capacitance and sufficiently low ESR to perform these functions.
Minimum output capacitance to guarantee good performance is 2.2 µF at the output voltage DC bias
including tolerances and over ambient temp range. The output voltage ripple is caused by the charging and
discharging of the output capacitor and also due to its ESR and can be calculated as:
Voltage peak to peak ripple due to capacitance =
Voltage peak-to-peak ripple due to ESR = VPP-ESR = (2 x IRIPPLE) x RESR
Because these two components are out of phase the rms value can be used to get an approximate value of
peak-to-peak ripple.
Voltage peak-to-peak ripple, root mean squared =
Note that the output ripple is dependent on the current ripple and the equivalent series resistance of the output
capacitor (ESR). The RESR is frequency dependent (as well as temperature dependent); make sure the value
used for calculations is at the switching frequency of the part.
Table 14 lists suggested capacitors and suppliers.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: LP8725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com