Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8725TLE-A/NOPB Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # LP8725TLE-A/NOPB
Description  LP8725 Power Management Unit for Application or Multimedia Processors and Subsystems
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8725TLE-A/NOPB Datasheet(HTML) 35 Page - Texas Instruments

Back Button LP8725TLE-A/NOPB Datasheet HTML 31Page - Texas Instruments LP8725TLE-A/NOPB Datasheet HTML 32Page - Texas Instruments LP8725TLE-A/NOPB Datasheet HTML 33Page - Texas Instruments LP8725TLE-A/NOPB Datasheet HTML 34Page - Texas Instruments LP8725TLE-A/NOPB Datasheet HTML 35Page - Texas Instruments LP8725TLE-A/NOPB Datasheet HTML 36Page - Texas Instruments LP8725TLE-A/NOPB Datasheet HTML 37Page - Texas Instruments LP8725TLE-A/NOPB Datasheet HTML 38Page - Texas Instruments LP8725TLE-A/NOPB Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
LP8725
www.ti.com
SNVS618G – DECEMBER 2009 – REVISED MAY 2013
Analog-Type LDOs
The analog LDOs are optimized for supplying analog loads having ULTRA LOW NOISE (10 µVRMS for
IOUT>5mA) and excellent PSRR (70 dB at 10 kHz) performance. They can be programmed through serial
interface for different output voltage values.
For fast discharging of output capacitors in shutdown, the LDOs may be connected to a 300
Ω pull down resistor
to output.
In sleep mode quiescent current is lowered down to 30 µA for energy saving. In this mode these LDOs should
not loaded more than 3-5 mA of output current.
Digital-Type LDOs
The Digital LDOs are optimized for dynamic performance for fast changing digital loads whilst consuming very
little quiescent current ~ 20 µA . They can be programmed through serial interface for different output voltage
values.
For fast discharging of output capacitors in shutdown, the LDOs may be connected to a 300
Ω pull down resistor
to output.
In sleep mode quiescent current is lowered down to 10 µA for energy saving. In this mode these LDOs should
not loaded more than 3-5 mA of output current.
LILO-Type LDOs
The LILO-type LDO is optimized for low output voltage and for good dynamic performance to supply different fast
changing (digital) loads. These LDOs can be operated as digital LDOs also albeit with lower PSRR and Noise
performance.
An innovative design of the all the LDOs reduces sensitivity to the placement of the output capacitor. The output
capacitor may not be placed as close as possible to the output pin, like on conventional LDOs. The general
purpose LDOs do not need output capacitor close to the PMU. If a (1 µF or more) capacitor is attached to a
circuit load, customer may skip the output capacitor at the PMU.
I
2C-Compatible Serial Bus Interface
Interface Bus Overview
The I2C-compatible synchronous serial interface provides access to the programmable functions and registers on
the device.
This protocol uses a two-wire interface for bi-directional communications between the ICs connected to the bus.
The two interface lines are the Serial Data Line (SDA), and the Serial Clock Line (SCL). These lines should be
connected to a positive supply, via a pull-up resistor of 1.5 K
Ω and remain HIGH even when the bus is idle.
Every device on the bus is assigned a unique address and acts as either a Master or a Slave depending on
whether it generates or receives the serial clock (SCL).
Data Transactions
One data bit is transferred during each clock pulse. Data is sampled during the high state of the serial clock
(SCL). Consequently, throughout the clock’s high period, the data should remain stable. Any changes on the
SDA line during the high state of the SCL and in the middle of a transaction, aborts the current transaction. New
data should be sent during the low SCL state. This protocol permits a single data line to transfer both
command/control information and data using the synchronous serial clock.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Links: LP8725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com