Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8727 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LP8727
Description  Micro/Mini USB Interface with Integrated 28V Charger
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8727 Datasheet(HTML) 3 Page - Texas Instruments

  LP8727 Datasheet HTML 1Page - Texas Instruments LP8727 Datasheet HTML 2Page - Texas Instruments LP8727 Datasheet HTML 3Page - Texas Instruments LP8727 Datasheet HTML 4Page - Texas Instruments LP8727 Datasheet HTML 5Page - Texas Instruments LP8727 Datasheet HTML 6Page - Texas Instruments LP8727 Datasheet HTML 7Page - Texas Instruments LP8727 Datasheet HTML 8Page - Texas Instruments LP8727 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
Top View
D+
ID
D-
VBUS
VBUS
VBAT
GND
U2
U1
AUD1
AUD2
DP
DN
DSS
MIC
SDA
SCL
INT\
RES
GND
CAP
A
B
C
D
E
1
2
3
4
5
GND
GND
VBAT
EXPDET
LP8727
www.ti.com
SNVS898A – OCTOBER 2012 – REVISED MAY 2013
Connection Diagram
Figure 1. 25-Bump (0.4mm Pitch) DSBGA Package
LP8727 PIN DESCRIPTIONS(1)
PIN NAME
PIN #
TYPE
DESCRIPTION
AUD1
B1
AI
Stereo Audio input (Left).
AUD2
C1
AI
Stereo Audio input (Right).
CAP
D2
A
Internal LDO output. Connect a 1.0 µF ceramic capacitor to GND.
D-
E3
DI/O
Common data I/O. Connect to D- on Mini / Micro USB connector.
D+
E2
DI/O
Common data I/O. Connect to D+ on Mini / Micro USB connector.
DN
A2
DI/O
USB differential data I/O (-).
DP
A3
DI/O
USB differential data I/O (+).
Default switch status input. Internally pulled down with a 300 k
Ω resistor.
DSS
D3
A
Logic high for UART startup and logic low for USB startup.
Overvoltage protected LDO output for low-voltage USB system. Connect a 1.0
EXPDET
B5
P
µF ceramic capacitor to GND.
GND
C2, C3, C4, D4
G
Ground.
ID
E1
DI
USB ID Input. Connect to ID on Mini / Micro USB connector.
Open-drain output for interrupt, active low. Typ. 10 k
Ω pull-up resistor is
INT\
B2
DO
required.
MIC
A1
AO
Microphone output.
Bias output for ID detection and Microphone. Connect a 2.2 k
Ω resistor to ID
RES
D1
A
pin.
SCL
B4
DI
Serial interface clock input. Connect a 1.5 k
Ω pullup resistor.
SDA
B3
DI/O
Serial interface data input/output. Connect a 1.5 k
Ω pullup resistor.
U1
A5
DI/O
UART data Rx / USB differential data I/O (-).
U2
A4
DI/O
UART data Tx / USB differential data I/O (+).
Main battery connection.
VBAT
C5, D5
P
Requires 10 µF ceramic capacitor when a battery is not connected.
VBUS
E4, E5
P
USB VBUS input.
(1)
A: Analog Pin, D: Digital Pin, I: Input Pin, DI/O Digital Input/Output Pin, G: Ground, O: Output Pin, I/O: Input/Output Pin, P: Power
Connection
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP8727



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com