Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8727 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LP8727
Description  Micro/Mini USB Interface with Integrated 28V Charger
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8727 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP8727 Datasheet HTML 8Page - Texas Instruments LP8727 Datasheet HTML 9Page - Texas Instruments LP8727 Datasheet HTML 10Page - Texas Instruments LP8727 Datasheet HTML 11Page - Texas Instruments LP8727 Datasheet HTML 12Page - Texas Instruments LP8727 Datasheet HTML 13Page - Texas Instruments LP8727 Datasheet HTML 14Page - Texas Instruments LP8727 Datasheet HTML 15Page - Texas Instruments LP8727 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
LP8727
SNVS898A – OCTOBER 2012 – REVISED MAY 2013
www.ti.com
REGISTER
ADDR
BIT NAME
BIT
POR DEFAULT
DESCRIPTION
NAME
ADC output with 200 k
Ω / 2.2 kΩ / 620Ω of pullup
resistor (Activated only when ADC_EN = '1'). Change of
IDNO
[3:0]
0000
IDNO state will trigger assertion of INT\ output.
(Refer to Table 1)
VBUS comparator output. Change of VBUS state will
trigger assertion of INT output.
VBUS
4
0
0: VVBUS < VVBUSDET
1: VVBUS > VVBUSDET
SE comparator output (Activated only when SEMREN =
'1). Change of SEND/END state will trigger assertion of
INT\ output.
SEND/END
5
0
0x04
INT_STAT1
0: VMIC > VSEND/END
1: VMIC < VSEND/END
MR comparator output (Activated only when SEMREN =
'1'). Change of MR_COMP state will trigger assertion of
INT\ output.
MR_COMP
6
0
0: VMIC < VMR_COMP
1: VMIC > VMR_COMP
Charger detection is completed. Change of CHG_DET
state will trigger assertion of INT\ output.
CHG_DET
7
0
0: VBUS is not present or no charger is detected.
1: Charger is detected.
RESERVED
[2:0]
000
Not used.
0: VVBUS > UVLOUSB
UVLO
3
0
1: VVBUS < UVLOUSB
0: VVBUS < VOV
OVLO
4
0
1: VVBUS > VOV
0x05
INT_STAT2
0: TMP_STAT state is not changed.
TMP
5
0
1: TMP_STAT state is changed.
0: Thermal shutdown is not triggered.
TSHD
6
0
1: Thermal shutdown is triggered.
0: CHG_STAT state is not changed.
CHG
7
0
1: CHG_STAT state is changed.
C1COMP output.
C1COMP
0
0
0: VD-< VD-DET
1: VD-> VD-DET
RESERVED
[3:1]
000
Not used.
Charger status.
00: Pre-charge
0x06
STATUS1
CHG_STAT
[5:4]
00
01: CC
10: CV
11: EOC
0: High-current USB Host/Hub is not detected.
CHPORT
6
0
1: High-current USB Host/Hub is detected.
0: Dedicated charger is not detected.
DCPORT
7
0
1: Dedicated charger is detected.
12
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LP8727



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com