Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8727 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LP8727
Description  Micro/Mini USB Interface with Integrated 28V Charger
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8727 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP8727 Datasheet HTML 2Page - Texas Instruments LP8727 Datasheet HTML 3Page - Texas Instruments LP8727 Datasheet HTML 4Page - Texas Instruments LP8727 Datasheet HTML 5Page - Texas Instruments LP8727 Datasheet HTML 6Page - Texas Instruments LP8727 Datasheet HTML 7Page - Texas Instruments LP8727 Datasheet HTML 8Page - Texas Instruments LP8727 Datasheet HTML 9Page - Texas Instruments LP8727 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
LP8727
SNVS898A – OCTOBER 2012 – REVISED MAY 2013
www.ti.com
Electrical Characteristics
(1)(2) (continued)
Limits in standard typeface are for TJ = 25°C. Limits in boldface type apply over the operating ambient temperature range
(
−40°C ≤ TJ ≤ +125°C). Unless otherwise noted, specifications apply to the Typical Application Circuit with VVBAT = 3.7V,
VVBUS = 5V.
Symbol
Parameter
Conditions
Typ
Min
Max
Units
LOGIC AND CONTROL OUTPUTS
INT\, IOUT = 2mA
0.4
VOL
Output Low Level
V
SDA, ISINK = 3mA
0.4
ID DETECTION LDO
IOUT = 500 µA, VOUT = 2.3V
VOUT
Output Voltage Accuracy
-3
+3
%
IOUT = 500 µA, VOUT = 2.6V
IOUT
Output Current Rating
1
mA
10 Hz
≤ f ≤ 100 kHz
eN
Output Noise Voltage
15
µVRMS
COUT = 1µF
(2)
f = 10 kHz, COUT = 1µF
Power Supply Ripple
PSRR
75
dB
Rejection Ratio
IOUT = 20 mA
(2)
External Output Capacitance
COUT
See(2)
1.0
0.6
20
µF
for Stability
EXPDET LDO
IOUT = 1mA, VOUT = 4.85V @ VVBUS
VOUT
Output Voltage Accuracy
-5
+3
%
= 5V
VDO
Dropout Voltage
IOUT = 50 mA @ VVBUS = 5V
330
mV
IOUT(MAX)
Output Current Rating
50
mA
ISC
Short Circuit Current Limit
VOUT = 0V
330
mA
External Output Capacitance
COUT
See(3)
1.0
0.6
20
µF
for Stability
(3)
Min and Max limits are specified by design, test or statistical analysis. Typical numbers are not ensured, but do represent the most likely
norm.
Multiplexer Switches Electrical Characteristics
Typical values and limits appearing in normal type apply for TJ=25°C. Unless otherwise noted, VVBAT = 3.7V, VBUS is
disconnected. Limits appearing in boldface type apply over the entire junction temperature range for operation, TJ = −40°C to
+125°C.
(1)
Symbol
Parameter
Conditions
Typ
Min
Max
Units
CP_EN = 0
0
VCC
VDP,DN
Analog Signal Range
V
CP_EN = 1
0
VSWPOS
RSWONUSB
On Resistance
2.5
6
On Resistance Match
ΔRSWONUSB
0V < VD+ or VD-< 1V
0.5
Ω
Between Channels
RFLATUSB
On Resistance Flatness
0.5
ILEAKUSB(OFF)
Off Leakage Current(2)
−360
360
0V < VD+ or VD-< 3.3V, CP_EN = 1
nA
ILEAKUSB(ON)
On Leakage Current(2)
−360
360
UART ANALOG SWITCHES (U1, U2)
CP_EN = 0
0
VCC
VU1, U2
Analog Signal Range
V
CP_EN = 1
0
VSWPOS
RSWONART
On Resistance
2.5
6
On Resistance Match
ΔRSWONART
0V < VD+ or VD-< 1V
0.5
Ω
Between Channels
RFLATURT
On Resistance Flatness
0.5
(1)
Junction-to-ambient thermal resistance is highly application and board layout dependent. In applications where high power dissipation
exists, special care must be given to thermal dissipation issues in board design.
(2)
Min and Max limits are specified by design, test or statistical analysis. Typical numbers are not ensured, but do represent the most likely
norm.
6
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LP8727



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com