Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK2201RCP Datasheet(PDF) 2 Page - Texas Instruments

Part # TLK2201RCP
Description  ETHERNET TRANSCEIVERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK2201RCP Datasheet(HTML) 2 Page - Texas Instruments

  TLK2201RCP Datasheet HTML 1Page - Texas Instruments TLK2201RCP Datasheet HTML 2Page - Texas Instruments TLK2201RCP Datasheet HTML 3Page - Texas Instruments TLK2201RCP Datasheet HTML 4Page - Texas Instruments TLK2201RCP Datasheet HTML 5Page - Texas Instruments TLK2201RCP Datasheet HTML 6Page - Texas Instruments TLK2201RCP Datasheet HTML 7Page - Texas Instruments TLK2201RCP Datasheet HTML 8Page - Texas Instruments TLK2201RCP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
www.ti.com
DESCRIPTION CONTINUED
Differences Between TLK2201, TLK2201I, and TNETE2201
TLK2201
TLK2201I
ETHERNET TRANSCEIVERS
SLLS420F – JUNE 2000 – REVISED SEPTEMBER 2007
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
The TLK2201 and TLK2201I perform the data serialization, deserialization, and clock extraction functions for a
physical layer interface device. The transceiver operates at 1.25 Gbps (typical), providing up to 1 Gbps of data
bandwidth over a copper or optical media interface.
The TLK2201 and TLK2201I support both the defined 10-bit interface (TBI) and a reduced 5-bit interface utilizing
double data rate (DDR) clocking. In the TBI mode the serializer/deserializer (SERDES) accepts 10-bit wide
8b/10b parallel encoded data bytes. The parallel data bytes are serialized and transmitted differentially at PECL
compatible voltage levels. The SERDES extracts clock information from the input serial stream and deserializes
the data, outputting a parallel 10-bit data byte.
In the DDR mode the parallel interface accepts 5-bit wide 8b/10b encoded data aligned to both the rising and
falling edge of the reference clock. The data is clocked most significant bit first, (bits 0 - 4 of the 8b/10b encoded
data) on the rising edge of the clock and the least significant bits (bits 5 - 9 of the 8b/10b encoded data) are
clocked on the falling edge of the clock.
The TLK2201 and TLK2201I provide a comprehensive series of built-in tests for self-test purposes including
loopback and pseudorandom binary sequence (PRBS) generation and verification. An IEEE 1149.1 JTAG port is
also supported.
The TLK2201 and TLK2201I are housed in a high performance, thermally enhanced, 64-pin VQFP PowerPAD
package. Use of the PowerPAD package does not require any special considerations except to note that the
PowerPAD, which is an exposed die pad on the bottom of the device, is a metallic thermal and electrical
conductor. It is recommended that the TLK2201 and TLK2201I PowerPADsbe soldered to the thermal land on
the board.
The TLK2201 is characterized for operation from 0
°C to 70°C. The TLK2201I is characterized for operation from
-40
°C to 85°C.
The TLK2201 and TLK2201I use a 2.5-V supply. The I/O section is 3.3-V compatible. With the 2.5-V supply the
chipset is very power-efficient, dissipating less than 200 mW typical power when operating at 1.25 Gbps.
The TLK2201 and TLK2201I are designed to be hot plug capable. A power-on reset causes RBC0, RBC1, the
parallel output signal terminals, TXP, and TXN to be held in high-impedance state.
The TLK2201 and TLK2201I are the functional equivalent of the TNETE2201. There are several differences
between the devices as noted below. See Figure 12 in the application information section for an example of a
typical application circuit.
• The V
CC is 2.5 V for the TLK2201 and TLK2201I vs 3.3 V for TNETE2201.
• The PLL filter capacitors on pins 16, 17, 48, and 49 of the TNETE2201 are no longer required. The TLK2201
and TLK2201I uses these pins to provide added test capabilities. The capacitors, if present, do not affect the
operation of the device.
• No pulldown resistors are required on the TXP/TXN outputs.
AVAILABLE OPTIONS
PACKAGE(1)
TA
PLASTIC QUAD FLAT PACK (RCP)
0
°C to 70°C
TLK2201RCP
40
°C to 85°C
TLK2201IRCP
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
2
Submit Documentation Feedback
Copyright © 2000–2007, Texas Instruments Incorporated
Product Folder Link(s): TLK2201 TLK2201I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com