Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK2201RCP Datasheet(PDF) 3 Page - Texas Instruments

Part # TLK2201RCP
Description  ETHERNET TRANSCEIVERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK2201RCP Datasheet(HTML) 3 Page - Texas Instruments

  TLK2201RCP Datasheet HTML 1Page - Texas Instruments TLK2201RCP Datasheet HTML 2Page - Texas Instruments TLK2201RCP Datasheet HTML 3Page - Texas Instruments TLK2201RCP Datasheet HTML 4Page - Texas Instruments TLK2201RCP Datasheet HTML 5Page - Texas Instruments TLK2201RCP Datasheet HTML 6Page - Texas Instruments TLK2201RCP Datasheet HTML 7Page - Texas Instruments TLK2201RCP Datasheet HTML 8Page - Texas Instruments TLK2201RCP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
www.ti.com
2:1
MUX
PRBS
Generator
10 Bit
Registers
TD(0-9)
PRBSEN
LOOPEN
Parallel to
Serial
Phase Generator
Clock
REFCLK
Control
Logic
MODESEL
ENABLE
TESTEN
Interpolator
and
Clock Extraction
PRBS
Verification
Serial to Parallel
and
Comma Detect
Clock
RBC1
RBC0
SYNC/PASS
RD(0-9)
SYNCEN
RBCMODE
JTAG
Control
Register
JTMS
JTRSTN
JTDI
TCK
JTDO
2:1
MUX
2:1
MUX
Clock
Data
TXP
TXN
RXP
RXN
LOS
TLK2201
TLK2201I
ETHERNET TRANSCEIVERS
SLLS420F – JUNE 2000 – REVISED SEPTEMBER 2007
Block Diagram
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
Signal
TXP TXN
62 61
PECL
Differential output transmit. TXP and TXN are differential serial outputs that interface to a copper or
O
an optical I/F module. TXP and TXN are put in a high-impedance state when LOOPEN is high and
are active when LOOPEN is low.
RXP RXN
54 52
PECL I
Differential input receive. RXP and RXN together are the differential serial input interface from a
copper or an optical I/F module.
REFCLK
22
I
Reference clock. REFCLK is an external input clock that synchronizes the receiver and transmitter
interface (100 MHz to 160 MHz). The transmitter uses this clock to register the input data (TD0-TD9)
for serialization. In the TBI mode that data is registered on the rising edge of REFCLK. In the DDR
mode, the data is registered on both the rising and falling edges of REFCLK with the most significant
bits aligned to the rising edge of REFCLK.
TD0-TD9
2-4, 6-9,
I
Transmit data. When in the TBI mode (MODESEL = low) these inputs carry 10-bit parallel data
11-13
output from a protocol device to the transceiver for serialization and transmission. This 10-bit parallel
data is clocked into the transceiver on the rising edge of REFCLK and transmitted as a serial stream
with TD0 sent as the first bit. When in the DDR mode (MODESEL = high) only TD0-TD4 are valid.
The 5-bit parallel data is clocked into the transceiver on the rising and falling edge of REFCLK and
transmitted as a serial stream with TD0 sent as the first bit.
RD0-RD9
45, 44, 43,
O
Receive data. When in TBI mode (MODESEL = low) these outputs carry 10-bit parallel data output
41, 40, 39,
from the transceiver to the protocol layer. The data is referenced to terminals RBC0 and RBC1,
38, 36, 35,
depending on the receive clock mode selected. RD0 is the first bit received. When in the DDR mode
34
(MODESEL = high) only RD0-RD4 are valid. RD5-RD9 are held low. The 5-bit parallel data is
clocked out of the transceiver on the rising edge of RBC0.
Copyright © 2000–2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TLK2201 TLK2201I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com