Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK2201RCP Datasheet(PDF) 8 Page - Texas Instruments

Part # TLK2201RCP
Description  ETHERNET TRANSCEIVERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK2201RCP Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLK2201RCP Datasheet HTML 4Page - Texas Instruments TLK2201RCP Datasheet HTML 5Page - Texas Instruments TLK2201RCP Datasheet HTML 6Page - Texas Instruments TLK2201RCP Datasheet HTML 7Page - Texas Instruments TLK2201RCP Datasheet HTML 8Page - Texas Instruments TLK2201RCP Datasheet HTML 9Page - Texas Instruments TLK2201RCP Datasheet HTML 10Page - Texas Instruments TLK2201RCP Datasheet HTML 11Page - Texas Instruments TLK2201RCP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
www.ti.com
DXX.X
K28.5
DXX.X
DXX.X
K28.5
K28.5
DXX.X
DXX.X
DXX.X
DXX.X
DXX.X
K28.5
DXX.X
DXX.X
K28.5
K28.5
DXX.X
DXX.X
31 Bit
Times
Max Receive
Path Latency
Worst Case
Misaligned K28.5
Misalignment Corrected
INPUT DATA
RBC0
RBC1
RD(0-9)
SYNC
Corrupt Data
30 Bit
Times (Max)
Data Reception Latency
10 Bit Code
RXP, RXN
RD(0-9)
RBC0
10 Bit Code
td(Rx latency)
Loss of Signal Detection
TLK2201
TLK2201I
ETHERNET TRANSCEIVERS
SLLS420F – JUNE 2000 – REVISED SEPTEMBER 2007
Figure 5. Word Realignment Timing Characteristics Waveforms
Systems that do not require framed data may disable byte alignment by tying SYNCEN low.
When a SYNC character is detected, the SYNC signal is brought high and is aligned with the K28.5 character.
The duration of the SYNC pulse is equal to the duration of the data when in TBI mode. When in DDR mode the
SYNC pulse is present for the entire RBC0 period.
The serial to parallel data latency is the time from when the first bit arrives at the receiver until it is output in the
aligned parallel word with RD0 received as first bit. The minimum latency in TBI mode is 21 bit times and the
maximum latency is 31 bit times. The minimum latency in DDR mode is 27 bit times and maximum latency is 34
bit times.
Figure 6. Receiver Latency - TBI Normal Mode Shown
These devices have a loss of signal (LOS) detection circuit for conditions where the incoming signal no longer
has sufficient voltage level to keep the clock recovery circuit in lock. The LOS is intended to be an indication of
gross signal error conditions, such as a detached cable or no signal being transmitted, and not an indication of
signal coding health. Under a PRBS serial input pattern, LOS is high for signal amplitudes greater than 150 mV.
The LOS is low for all amplitudes below 50 mV. Between 50 mV and 150 mV, LOS is undetermined.
8
Submit Documentation Feedback
Copyright © 2000–2007, Texas Instruments Incorporated
Product Folder Link(s): TLK2201 TLK2201I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com