Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK2201AI Datasheet(PDF) 4 Page - Texas Instruments

Part # TLK2201AI
Description  ETHERNET TRANSCEIVERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK2201AI Datasheet(HTML) 4 Page - Texas Instruments

  TLK2201AI Datasheet HTML 1Page - Texas Instruments TLK2201AI Datasheet HTML 2Page - Texas Instruments TLK2201AI Datasheet HTML 3Page - Texas Instruments TLK2201AI Datasheet HTML 4Page - Texas Instruments TLK2201AI Datasheet HTML 5Page - Texas Instruments TLK2201AI Datasheet HTML 6Page - Texas Instruments TLK2201AI Datasheet HTML 7Page - Texas Instruments TLK2201AI Datasheet HTML 8Page - Texas Instruments TLK2201AI Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
www.ti.com
TLK2201A
TLK2201AI
SLLS572B – JUNE 2003 – REVISED SEPTEMBER 2007
TERMINAL FUNCTIONS (continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
RD0–RD9
45, 44, 43,
O
Receive data. When in TBI mode (MODESEL = low) these outputs carry 10-bit parallel data output
41, 40, 39,
from the transceiver to the protocol layer. The data is referenced to terminals RBC0 and RBC1,
38, 36, 35,
depending on the receive clock mode selected. RD0 is the first bit received.
34
When in the DDR mode (MODESEL = high) only RD0-RD4 are valid. RD5-RD9 are held low. The
5-bit parallel data is clocked out of the transceiver on the rising edge of RBC0.
RBC0
31
O
Receive byte clock. RBC0 and RBC1 are recovered clocks used for synchronizing the 10-bit
output data on RD0-RD9. The operation of these clocks is dependent upon the receive clock mode
RBC1
30
selected.
In the half-rate mode, the 10-bit output data words are valid on the rising edges of RBC0 and
RBC1. These clocks are adjusted to half-word boundaries in conjunction with synchronous detect.
The clocks are always expanded during data realignment and never slivered or truncated. RBC0
registers bytes 1 and 3 of received data. RBC1 registers bytes 0 and 2 of received data.
In the normal rate mode, only RBC0 is valid and operates at 1/10 the serial data rate. Data is
aligned to the rising edge.
In the DDR mode, only RBC0 is valid and operates at 1/10 the serial data rate. Data is aligned to
both the rising and falling edges.
RBCMODE
32
I
Receive clock mode select. When RBCMODE and MODESEL are low, half-rate clocks are output
on RBC0 and RBC1. When MODESEL is low and RBCMODE is high, a full baud-rate clock is
P/D(1)
output on RBC0 and RBC1 is held low. When MODESEL is high, RBCMODE is ignored and a full
baud-rate clock is output on RBC0 and RBC1 is held low.
SYNCEN
24
I
Synchronous function enable. When SYNCEN is high, the internal synchronization function is
P/U(2)
activated. When this function is activated, the transceiver detects the K28.5 comma character
(0011111 negative beginning disparity) in the serial data stream and realigns data on byte
boundaries if required. When SYNCEN is low, serial input data is unframed in RD0–RD9.
SYNC/PASS
47
O
Synchronous detect. The SYNC output is asserted high upon detection of the comma pattern in
the serial data path. SYNC pulses are output only when SYNCEN is activated (asserted high). In
PRBS test mode (PRBSEN=high), SYNC/PASS outputs the status of the PRBS test results
(high=pass).
LOS
26
O
Loss of signal. Indicates a loss of signal on the high-speed differential inputs RXP and RXN.
If magnitude of RXP–RXN > 150 mV, LOS = 1, valid input signal
If magnitude of RXP–RXN < 150 mV and >50 mV, LOS is undefined
If magnitude of RXP–RXN < 50 mV, LOS = 0, loss of signal
MODESEL
15
I
Mode select. This terminal selects between the 10-bit interface and a reduced 5-bit DDR interface.
P/D(1)
When low the 10-bit interface (TBI) is selected. When pulled high, the 5-bit DDR mode is selected.
The default mode is the TBI.
TEST
LOOPEN
19
I
Loop enable. When LOOPEN is high (active), the internal loop-back path is activated. The
transmitted serial data is directly routed to the inputs of the receiver. This provides a self-test
capability in conjunction with the protocol device. The TXP and TXN outputs are held in a
high-impedance state during the loop-back test. LOOPEN is held low during standard operational
state with external serial outputs and inputs active.
TCK
49
I
Test clock. IEEE1149.1 (JTAG)
JTDI
48
I
Test data input. IEEE1149.1 (JTAG)
JTDO
27
O
Test data output. IEEE1149.1 (JTAG)
JTRSTN
56
I
Reset signal. IEEE1149.1 (JTAG)
P/U(2)
JTMS
55
Test mode select. IEEE1149.1 (JTAG)
ENABLE
28
I
When this terminal is low, the device is disabled for Iddq testing. RD0 - RD9, RBCn, TXP, and
P/U(2)
TXN are high impedance. The pullup and pulldown resistors on any input are disabled. When
ENABLE is high, the device operates normally.
PRBSEN
16
I
PRBS enable. When PRBSEN is high, the PRBS generation circuitry is enabled. The PRBS
P/D(1)
verification circuit in the receive side is also enabled. A PRBS signal can be fed to the receive
inputs and checked for errors, that are reported by the SYNC/PASS terminal indicating low.
TESTEN
17
I
Manufacturing test terminal
P/D(1)
(1)
P/D = Internal pulldown
(2)
P/U = Internal pullup
4
Submit Documentation Feedback
Copyright © 2003–2007, Texas Instruments Incorporated
Product Folder Link(s): TLK2201A TLK2201AI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com