Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK2201AI Datasheet(PDF) 10 Page - Texas Instruments

Part # TLK2201AI
Description  ETHERNET TRANSCEIVERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK2201AI Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLK2201AI Datasheet HTML 6Page - Texas Instruments TLK2201AI Datasheet HTML 7Page - Texas Instruments TLK2201AI Datasheet HTML 8Page - Texas Instruments TLK2201AI Datasheet HTML 9Page - Texas Instruments TLK2201AI Datasheet HTML 10Page - Texas Instruments TLK2201AI Datasheet HTML 11Page - Texas Instruments TLK2201AI Datasheet HTML 12Page - Texas Instruments TLK2201AI Datasheet HTML 13Page - Texas Instruments TLK2201AI Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
DISSIPATION RATINGS
(1)
THERMAL CHARACTERISTICS
TLK2201A
TLK2201AI
SLLS572B – JUNE 2003 – REVISED SEPTEMBER 2007
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
VDD
Supply voltage(2)
–0.3 to 3
V
VI
Input voltage range at TTL terminals
–0.5 to 4
V
Input voltage range at any other terminal
–0.3 to VDD +0.3
V
Tstg
Storage temperature
–65 to 150
°C
CDM
1
kV
Electrostatic discharge
HDM
2
kV
TLK2201A
0 to 70
°C
Characterized free-air operating temperature range
TLK2201AI
–40 to 85
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential I/O bus voltages, are with respect to network ground terminal.
OPERATING
TA ≤ 25°C
TA = 70
°C
PACKAGE
FACTOR(2)
POWER RATING
POWER RATING
ABOVE TA = 25°C
RCP64(3)
5.25 W
46.58 mW/
°C
2.89 W
RCP64(4)
3.17 W
23.70 mW/
°C
1.74 W
RCP64(5)
2.01 W
13.19 mW/
°C
1.11 W
(1)
For more information, refer to TI application note PowerPAD Thermally Enhanced Package
(SLMA002).
(2)
This is the inverse of the traditional junction-to-ambient thermal resistance (RθJA).
(3)
2 oz. Trace and copper pad with solder.
(4)
2 oz. Trace and copper pad without solder.
(5)
Standard JEDEC high-K board
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Board-mounted, no air flow, high conductivity TI
recommended test board, chip soldered or greased
21.47
to thermal land
RθJA
Junction-to-free-air thermal resistance
Board-mounted, no air flow, high conductivity TI
°C/W
recommended test board with thermal land but no
42.20
solder or grease thermal connection to thermal land
Board-mounted, no air flow, JEDEC test board
75.83
Board-mounted, no air flow, high conductivity TI
recommended test board, chip soldered or greased
0.38
to thermal land
RθJC
Junction-to-case-thermal resistance
Board-mounted, no air flow, high conductivity TI
°C/W
recommended test board with thermal land but no
0.38
solder or grease thermal connection to thermal land
Board-mounted, no air flow, JEDEC test board
7.8
10
Submit Documentation Feedback
Copyright © 2003–2007, Texas Instruments Incorporated
Product Folder Link(s): TLK2201A TLK2201AI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com