Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK2201AI Datasheet(PDF) 11 Page - Texas Instruments

Part # TLK2201AI
Description  ETHERNET TRANSCEIVERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK2201AI Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLK2201AI Datasheet HTML 7Page - Texas Instruments TLK2201AI Datasheet HTML 8Page - Texas Instruments TLK2201AI Datasheet HTML 9Page - Texas Instruments TLK2201AI Datasheet HTML 10Page - Texas Instruments TLK2201AI Datasheet HTML 11Page - Texas Instruments TLK2201AI Datasheet HTML 12Page - Texas Instruments TLK2201AI Datasheet HTML 13Page - Texas Instruments TLK2201AI Datasheet HTML 14Page - Texas Instruments TLK2201AI Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
TLK2201A REFERENCE CLOCK (REFCLK) TIMING REQUIREMENTS
TLK2201AI REFERENCE CLOCK (REFCLK) TIMING REQUIREMENTS
TTL ELECTRICAL CHARACTERISTICS
TLK2201A
TLK2201AI
SLLS572B – JUNE 2003 – REVISED SEPTEMBER 2007
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VDD, VDD(A)
Supply voltage
2.3
2.5
2.7
V
Frequency = 1.25 Gbps,
PRBS pattern
80
IDD, IDD(A)
Total supply current
mA
Frequency = 1.6 Gbps,
Worst case pattern(1)
111
Frequency = 1.25 Gbps,
PRBS pattern
200
PD
Total power dissipation
mW
Frequency = 1.6 Gbps,
Worst case pattern(1)
310
IDD, IDD(A)
Total shutdown current
Enable = 0,
Vdda , Vdd = 2.7 V
50
μA
PLL
Startup lock time
VDD, VDD(A) = 2.5 V, EN↑ to PLL acquire
500
μs
TLK2201A
0
70
TA
Operating free-air temperature
°C
TLK2201AI
–40
85
(1)
Worst case pattern is a pattern that creates a maximum transition density on the serial transceiver.
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Frequency
Minimum data rate
TYP–0.01%
100
TYP–0.01%
MHz
Frequency
Maximum data rate
TYP–0.01%
160
TYP–0.01%
MHz
Accuracy
–100
100
ppm
Duty cycle
40%
50%
60%
Jitter
Random plus deterministic
40
ps
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Frequency
Minimum data rate
TYP–0.01%
100
TYP–0.01%
MHz
Frequency
Maximum data rate
TYP–0.01%
160
TYP–0.01%
MHz
Accuracy
–100
100
ppm
Duty cycle
40%
50%
60%
Jitter
Random plus deterministic
40
ps
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = –400 μA
VDD –0.2
2.3
V
VOL
Low-level output voltage
IOL = 1 mA
GND
0.25
0.5
V
VIH
High-level input voltage
1.7
3.6
V
VIL
Low-level input voltage
0.8
V
IIH
Input high current
VDD = 2.3 V,
VIN = 2.0 V
40
μA
IIL
Input low current
VDD = 2.3 V,
VIN = 0.4 V
–40
μA
CIN
Input capacitance
4
pF
Copyright © 2003–2007, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TLK2201A TLK2201AI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com