Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RG2Z Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # RG2Z
Description  HIGH EFFICIENCY RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

RG2Z Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  RG2Z Datasheet HTML 1Page - SUNMATE electronic Co., LTD RG2Z Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CURRENT: 1.0- 1.5A
VOLTAGE RANGE: 7 0 - 600V
HIGH EFFICIENCY RECTIFIER DIODES
RG2Y - RG2A
Maximum peak repetitive reverse voltage
VRRM
400
600
V
Maximum RMS voltage
VRMS
280
420
V
Maximum DC blocking voltage
VDC
400
600
V
Maximum average f orw ard rectified current
9.5mm lead length,
@T
A=75
Peak forw ard surge current
10ms single half-sine-w ave
superimplsed on rated load
@T
J=125
Maximum instantaneous f orw ard voltage
@ I
F=IF(AV)
VF
1.8
2.0
V
Maximum reverse current
@T
A=25
at rated DC blocking voltage @T
A=100
Maximum reverse recovery time
(Note1)
trr
ns
Typical junction capacitance
(Note2)
CJ
30
pF
Typical thermal resistance
(Note3)
RθJL
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
2. Measured at 1.0MH
Z and applied rev erse v olt age of 4. 0V D C .
A
IR
500.0
2500.0
1.1
60.0
1.5
1.0
70
200
IF(AV)
1.5
1.2
RG2Y
NOTE: 1.Measured with I
F=0. 5A, I R=1A, Irr=0. 25A.
3.Thermal resistance junction to ambient.
49
IFSM
- 55 ----- + 150
- 55 ----- + 150
70
12
50
A
A
RG2Z
RG2
50
RG2A
140
200
Maximum Ratings and Electrical Characteristics TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Characteristic
Symbol
Unit
Case: DO-15,Molded Plastic
!
Diffused Junction
!
Low Forward Voltage Drop
!
!
High Reliability
!
High Surge Current Capability
!
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight: 0.40 grams (approx.)
!
Mounting Position: Any
!
Marking: Type Number
High Current Capability
Features
Mechanical Data
A
A
B
C
D
DO-15
Dim
Min
Max
A
25.40
B
5.50
7.62
C
0.686
0.889
D
2.60
3.60
All Dimensions in mm
1 of 2
www.sunmate.tw


Similar Part No. - RG2Z

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RG2Z SANKEN-RG2Z Datasheet
18Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
logo
EIC discrete Semiconduc...
RG2Z EIC-RG2Z Datasheet
29Kb / 2P
ULTRA FAST RECOVERY RECTIFIER DIODES
logo
Sanken electric
RG2Z SANKEN-RG2Z Datasheet
109Kb / 3P
Ultra-Fast-Recovery Rectifier Diode
logo
Galaxy Semi-Conductor H...
RG2Z BILIN-RG2Z Datasheet
58Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
EIC discrete Semiconduc...
RG2Z EIC-RG2Z Datasheet
41Kb / 2P
ULTRA FAST RECOVERY RECTIFIER DIODES
More results

Similar Description - RG2Z

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
EU02Z SUNMATE-EU02Z Datasheet
299Kb / 2P
HIGH EFFICIENCY RECTIFIER DIODES
RG10Y SUNMATE-RG10Y Datasheet
299Kb / 2P
HIGH EFFICIENCY RECTIFIER DIODES
HER601 SUNMATE-HER601 Datasheet
323Kb / 2P
HIGH EFFICIENCY RECTIFIER DIODES
HER601S SUNMATE-HER601S Datasheet
287Kb / 2P
HIGH EFFICIENCY RECTIFIER DIODES
HER101 SUNMATE-HER101 Datasheet
285Kb / 2P
HIGH EFFICIENCY RECTIFIER DIODES
HER201 SUNMATE-HER201 Datasheet
362Kb / 2P
HIGH EFFICIENCY RECTIFIER DIODES
HER301 SUNMATE-HER301 Datasheet
289Kb / 2P
HIGH EFFICIENCY RECTIFIER DIODES
HER501 SUNMATE-HER501 Datasheet
305Kb / 2P
HIGH EFFICIENCY RECTIFIER DIODES
RU4M SUNMATE-RU4M Datasheet
336Kb / 2P
HIGH EFFICIENCY RECTIFIER DIODES
RU4D SUNMATE-RU4D Datasheet
445Kb / 2P
HIGH EFFICIENCY RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com