Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV521 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLV521
Description  TLV521 NanoPower, 350nA, RRIO, CMOS Input, Operational Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV521 Datasheet(HTML) 2 Page - Texas Instruments

  TLV521 Datasheet HTML 1Page - Texas Instruments TLV521 Datasheet HTML 2Page - Texas Instruments TLV521 Datasheet HTML 3Page - Texas Instruments TLV521 Datasheet HTML 4Page - Texas Instruments TLV521 Datasheet HTML 5Page - Texas Instruments TLV521 Datasheet HTML 6Page - Texas Instruments TLV521 Datasheet HTML 7Page - Texas Instruments TLV521 Datasheet HTML 8Page - Texas Instruments TLV521 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
5
4
1
3
2
+
-
OUT
V
-
IN+
V
+
IN-
2
TLV521
SNOSD26 – MAY 2016
www.ti.com
Product Folder Links: TLV521
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 2
6
Specifications......................................................... 3
6.1
Absolute Maximum Ratings ...................................... 3
6.2
ESD Ratings.............................................................. 3
6.3
Recommended Operating Conditions ....................... 3
6.4
Thermal Information ................................................. 3
6.5
Electrical Characteristics........................................... 4
6.6
AC Electrical Characteristics.................................... 5
6.7
Typical Characteristics .............................................. 6
7
Detailed Description ............................................ 11
7.1
Overview ................................................................. 11
7.2
Functional Block Diagram ....................................... 11
7.3
Feature Description................................................. 11
7.4
Device Functional Modes........................................ 11
8
Applications and Implementation ...................... 12
8.1
Application Information............................................ 12
8.2
Typical Applications ................................................ 13
9
Power Supply Recommendations ...................... 17
10
Layout................................................................... 18
10.1
Layout Guidelines ................................................. 18
10.2
Layout Example .................................................... 18
11
Device and Documentation Support ................. 19
11.1
Device Support .................................................... 19
11.2
Documentation Support ........................................ 19
11.3
Community Resources.......................................... 19
11.4
Trademarks ........................................................... 19
11.5
Electrostatic Discharge Caution ............................ 19
11.6
Glossary ................................................................ 19
12
Mechanical, Packaging, and Orderable
Information ........................................................... 20
4 Revision History
DATE
REVISION
NOTES
May 2016
*
Initial release.
5 Pin Configuration and Functions
DCK Package
5-Pin (SC70) SC70-5
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
1
OUT
O
Output
2
V–
P
Negative Power Supply
3
IN+
I
Noninverting Input
4
IN–
I
Inverting Input
5
V+
P
Positive Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com