Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV521 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLV521
Description  TLV521 NanoPower, 350nA, RRIO, CMOS Input, Operational Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV521 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV521 Datasheet HTML 7Page - Texas Instruments TLV521 Datasheet HTML 8Page - Texas Instruments TLV521 Datasheet HTML 9Page - Texas Instruments TLV521 Datasheet HTML 10Page - Texas Instruments TLV521 Datasheet HTML 11Page - Texas Instruments TLV521 Datasheet HTML 12Page - Texas Instruments TLV521 Datasheet HTML 13Page - Texas Instruments TLV521 Datasheet HTML 14Page - Texas Instruments TLV521 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
11
TLV521
www.ti.com
SNOSD26 – MAY 2016
Product Folder Links: TLV521
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TLV521 is fabricated with Texas Instruments' state-of-the-art VIP50 process. This proprietary process
dramatically improves the performance of Texas Instruments' low-power and low-voltage operational amplifiers.
The following sections showcase the advantages of the VIP50 process and highlight circuits which enable ultra-
low power consumption.
7.2 Functional Block Diagram
Figure 29. Block Diagram
7.3 Feature Description
The amplifier's differential inputs consist of a noninverting input (IN+) and an inverting input (IN–). The amplifier
amplifies only the difference in voltage between the two inputs, which is called the differential input voltage. The
output voltage of the op-amp Vout is given by Equation 1:
VOUT = AOL (IN
+ - IN-)
(1)
where AOL is the open-loop gain of the amplifier, typically around 100 dB.
7.4 Device Functional Modes
7.4.1 Input Stage
The TLV521 has a rail-to-rail input which provides more flexibility for the system designer. Rail-to-rail input is
achieved by using in parallel, one PMOS differential pair and one NMOS differential pair. When the common
mode input voltage (VCM) is near V+, the NMOS pair is on and the PMOS pair is off. When VCM is near V−, the
NMOS pair is off and the PMOS pair is on. When VCM is between V+ and V−, internal logic decides how much
current each differential pair will get. This special logic ensures stable and low distortion amplifier operation
within the entire common mode voltage range.
Because both input stages have their own offset voltage (VOS) characteristic, the offset voltage of the TLV521
becomes a function of VCM. VOS has a crossover point at 1.0 V below V+. Refer to the ’VOS vs. VCM’ curve in the
Typical Performance Characteristics section. Caution should be taken in situations where the input signal
amplitude is comparable to the VOS value and/or the design requires high accuracy. In these situations, it is
necessary for the input signal to avoid the crossover point. In addition, parameters such as PSRR and CMRR
which involve the input offset voltage will also be affected by changes in VCM across the differential pair transition
region.
7.4.2 Output Stage
The TLV521 output voltage swings 3 mV from rails at 3.3-V supply, which provides the maximum possible
dynamic range at the output. This is particularly important when operating on low supply voltages.
The TLV521 Maximum Output Voltage Swing defines the maximum swing possible under a particular output
load. The TLV521 output swings 50 mV from the rail at 5-V supply with an output load of 100 k
Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com