Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV521 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLV521
Description  TLV521 NanoPower, 350nA, RRIO, CMOS Input, Operational Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV521 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV521 Datasheet HTML 9Page - Texas Instruments TLV521 Datasheet HTML 10Page - Texas Instruments TLV521 Datasheet HTML 11Page - Texas Instruments TLV521 Datasheet HTML 12Page - Texas Instruments TLV521 Datasheet HTML 13Page - Texas Instruments TLV521 Datasheet HTML 14Page - Texas Instruments TLV521 Datasheet HTML 15Page - Texas Instruments TLV521 Datasheet HTML 16Page - Texas Instruments TLV521 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
10 M:
-
+
VOUT
10 M:
10 M:
VIN
10 M:
10 M:
270 pF
270 pF
270 pF
CR2032 Coin Cell
225 mAh = 5 circuits @ 9.5 yrs.
60 Hz Twin T Notch Filter
AV = 2 V/V
10 M:
270 pF
VBATT
VBATT = 3V o 2V @ end of life
Remote Sensor
Signal
+
60 Hz
To ADC
Signal × 2
(No 60 Hz)
200 Ps/DIV
VOUT
VIN
VS = 5V
13
TLV521
www.ti.com
SNOSD26 – MAY 2016
Product Folder Links: TLV521
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Figure 31. Step Response
8.1.2 EMI Suppression
The near-ubiquity of cellular, Bluetooth, and Wi-Fi signals and the rapid rise of sensing systems incorporating
wireless radios make electromagnetic interference (EMI) an evermore important design consideration for
precision signal paths. Though RF signals lie outside the op amp band, RF carrier switching can modulate the
DC offset of the op amp. Also some common RF modulation schemes can induce down-converted components.
The added DC offset and the induced signals are amplified with the signal of interest and thus corrupt the
measurement. The TLV521 uses on chip filters to reject these unwanted RF signals at the inputs and power
supply pins; thereby preserving the integrity of the precision signal path.
Twisted pair cabling and the active front-end’s common-mode rejection provide immunity against low-frequency
noise (i.e. 60-Hz or 50-Hz mains) but are ineffective against RF interference. Even a few centimeters of PCB
trace and wiring for sensors located close to the amplifier can pick up significant 1 GHz RF. The integrated EMI
filters of the TLV521 reduce or eliminate external shielding and filtering requirements, thereby increasing system
robustness. A larger EMIRR means more rejection of the RF interference. For more information on EMIRR,
please refer to AN-1698.
8.2 Typical Applications
8.2.1 60-Hz Twin T-Notch Filter
Figure 32. 60-Hz Notch Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com