Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL5162/KG/MP1S Datasheet(PDF) 7 Page - Zarlink Semiconductor Inc

Part # SL5162/KG/MP1S
Description  Multistandard VHF and UHF Television Demodulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL5162/KG/MP1S Datasheet(HTML) 7 Page - Zarlink Semiconductor Inc

Back Button SL5162/KG/MP1S Datasheet HTML 2Page - Zarlink Semiconductor Inc SL5162/KG/MP1S Datasheet HTML 3Page - Zarlink Semiconductor Inc SL5162/KG/MP1S Datasheet HTML 4Page - Zarlink Semiconductor Inc SL5162/KG/MP1S Datasheet HTML 5Page - Zarlink Semiconductor Inc SL5162/KG/MP1S Datasheet HTML 6Page - Zarlink Semiconductor Inc SL5162/KG/MP1S Datasheet HTML 7Page - Zarlink Semiconductor Inc SL5162/KG/MP1S Datasheet HTML 8Page - Zarlink Semiconductor Inc SL5162/KG/MP1S Datasheet HTML 9Page - Zarlink Semiconductor Inc SL5162/KG/MP1S Datasheet HTML 10Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
6
SL5162
SK1-4
P1-2
P5
LK1
SW1
IC1
IC2
-
-
-
-
-
-
-
BNC straight square socket
3-way PCB header
2-way PCB header
Link
23SPST DIL switch
Mitel SP5611
Mitel SL5162
Circuit ref.
Value
Type
TR1
L1
L2
L3
X1
X2
-
5·6
µH
-
-
4MHz
500kHz
NPN transistor, BCW31, SOT23
TOKO choke
1 turn 5mm diameter 22 SWG
2 turns 5mm diameter 22 SWG
IQD crystal
Ceramic resonator
Circuit ref.
Value
Type
Table 5 SL5162 demonstration board components parts list (continued)
Figure 4 SL5162 demonstration board
Figure 5 Demonstration board layout
IC2
SL5162
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
C16 150n
R8 1·6K
SW1/P3
SW1/
P4
C17
680n
C17
680n
C18
56p
X2
500kHz
R9
75
SK1
SK2
VIDEO
I/P
RF
O/P
C19 100p
C20 100p R10 75
1
5V
1
5V
P5/LK1
C21 100p
SK4
SK3
SUB 2
AUDIO
I/P
C22 1
µ
IC1
SP5611
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1
5V
C23
10n
C3 47n
R7 22k
C2
220n
TR1
BCW31
R4 10k
R5 22k
C6 10n
C24
220n
1
30V
1
5V
P1
C3
100p
P2
DATA
CLOCK
C1
18p
X1
4MHz
C2
100p
GND
C26
100p
R2 22k
C10
10n
C11
10n
C27
C12
10n
C25
100p
1·5p
C28
1·5p
C29
1·5p
C30
1·5p
L3
2T
L2
1T
C9
100p
C8
5·6p
R7 47k
C7
BB
515
R13 10k
C13 150p
L1
5·6
µH
C15
47
µ
C14
33n



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com